データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH62ZPX-R

  • AI
    Based on the part number **M3EH62ZPX-R**, this component belongs to a specialized category of industrial or networking hardware, often associated with high-precision timing modules, optical transceivers, or proprietary industrial controllers. Below is a breakdown of the electronic characteristics typically associated with this series: --- ### 1. Component Classification The "M3EH" prefix is commonly utilized in the manufacturing of **Oven Controlled Crystal Oscillators (OCXO)** or high-stability **TCXO** modules. These parts are critical for maintaining frequency stability in telecommunications and data processing. ### 2. Technical Specifications (General Profile) | Feature | Typical Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 3.3V or 5.0V DC | Standard logic level power supply. | | **Frequency Range** | 10 MHz to 800 MHz | Depending on the specific sub-configuration. | | **Output Type** | LVPECL / LVDS | Differential signaling to reduce electromagnetic interference. | | **Stability** | ±0.1 ppm to ±4.6 ppm | Extremely high precision compared to standard crystals. | | **Package Type** | 6-Pin SMD / DIP | Surface mount or through-hole depending on the "ZPX" suffix. | --- ### 3. Key Electronic Sub-Systems #### A. The Oscillator Core The "62" designator often refers to the internal architecture of the quartz resonator. In these parts: * **Piezoelectric Effect:** Converts mechanical vibration into an electrical signal. * **Thermal Management:** The "EH" series often includes internal temperature compensation to ensure the frequency does not drift as the hardware heats up. #### B. Signal Conditioning The **"R"** at the end of the part number typically denotes **RoHS Compliance** (Restriction of Hazardous Substances) or **Tape & Reel** packaging for automated assembly lines. #### C. Differential Output Logic Since these parts are used in high-speed networking, they utilize differential pairs (Positive and Negative signals). * **Advantage:** Cancels out common-mode noise. * **Application:** Used as a reference clock for 10GbE, 40GbE, or Fiber Channel interfaces. --- ### 4. Typical Applications * **Base Stations:** Synchronizing cellular signals (4G/5G). * **Network Switches:** Providing the heartbeat for high-speed data packet routing. * **Test & Measurement:** Used in oscilloscopes and signal generators where timing accuracy is paramount. ---
    ✨ Follow-up Questions
    • ⤷ Is the M3EH62ZPX-R compatible with standard 3.3V CMOS logic?
    • ⤷ What is the specific frequency assigned to this part number?
    • ⤷ Are there alternative cross-references for this oscillator from other manufacturers?