データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH63ZPX-R

  • AI
    Based on the part number provided, the **M3EH63ZPX-R** is a high-performance **Crystal Oscillator** (specifically a VCXO or TCXO depending on the exact series variations, but typically part of the high-frequency differential output family) manufactured by **MtronPTI**. Below is a detailed breakdown of its electronic components, technical specifications, and internal architecture. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Output Type** | PECL (Positive Emitter Coupled Logic) | | **Supply Voltage ($V_{cc}$)** | 3.3V (Typical) | | **Package Type** | Surface Mount (SMD) - 6 Pad | | **Package Dimensions** | 5.0 x 7.0 x 1.9 mm | | **Frequency Range** | Typically 150MHz to 800MHz (Specific to sub-code) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | RoHS Compliant (R-suffix) | --- ### 2. Internal Electronic Architecture The M3EH series consists of several critical internal blocks that ensure frequency stability and signal integrity: 1. **Quartz Crystal Resonator:** The heart of the part, providing the fundamental mechanical resonance. 2. **Frequency Multiplier / PLL:** Since these parts often reach very high frequencies (hundreds of MHz), they utilize an internal Phase Locked Loop (PLL) or high-order overtone technology to scale the base crystal frequency. 3. **PECL Output Driver:** This specific part uses Differential PECL. This is an electronic circuit designed for high-speed data transmission that minimizes noise by sending two signals in opposite phases. 4. **Voltage Regulator:** Internal circuitry to ensure that small fluctuations in the 3.3V input do not affect the frequency output (Phase Jitter control). --- ### 3. Pin Configuration (6-Pad SMD) | Pin # | Function | Description | | :--- | :---: | :--- | | **1** | **N/C or VC** | No connection or Voltage Control (if VCXO) | | **2** | **E/D** | Enable/Disable (Logic 1 to output, Logic 0 to high-Z) | | **3** | **GND** | Case and Circuit Ground | | **4** | **Output** | Main Signal Output | | **5** | **Complementary Output** | Inverted Signal Output (for Differential signaling) | | **6** | **Vcc** | Power Supply Input (+3.3V) | --- ### 4. Key Electronic Characteristics * **Low Phase Jitter:** Designed for telecommunications and high-speed networking (Ethernet/Fibre Channel) where timing errors must be kept under 1ps (picosecond). * **Differential Signaling:** By using the PECL output (Pins 4 and 5), the part eliminates "Common Mode" noise, making it highly resistant to electromagnetic interference (EMI). * **Tri-state Functionality:** Pin 2 allows the electronic component to be effectively "disconnected" from the bus without powering down the whole system, useful for testing and power saving. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific jitter performance (in picoseconds) for this series?
    • ⤷ How does PECL output compare to LVDS in high-speed applications?
    • ⤷ Are there equivalent parts from other manufacturers like Epson or SiTime?