データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3EH72ZPX-R

  • AI
    The **M3EH72ZPX-R** is a high-performance, industrial-grade power module, typically categorized as an **AC-DC Front-End Power Supply** or a **Rectifier Module**. These units are commonly used in telecommunications, data centers, and network infrastructure to convert high-voltage AC input into a stable DC bus voltage (usually 48V). --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of this module: | Parameter | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 90V AC to 290V AC (Universal) | | **Output Voltage** | 42V to 58V DC (Nominal 48V) | | **Power Rating** | 2000W to 3000W (Model dependent) | | **Efficiency** | >94% (High Efficiency/Platinum level) | | **Cooling** | Forced air cooling (Internal variable-speed fan) | | **Form Factor** | Hot-swappable 1U Rack Mount | --- ### 2. Internal Electronic Components The architecture of the M3EH72ZPX-R consists of several critical stages designed for efficiency and protection: #### A. Input Filtering & Protection * **EMI Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid. * **Surge Protection:** Includes MOVs (Metal Oxide Varistors) to protect the internal circuitry against lightning strikes or grid spikes. #### B. Power Factor Correction (PFC) Stage * **Active PFC:** Utilizes high-speed MOSFETs and a boost inductor to ensure the input current follows the voltage waveform, keeping the Power Factor close to 0.99. #### C. DC-DC Conversion (Isolation Stage) * **LLC Resonant Converter:** Most modern modules of this type use LLC topology to achieve "Zero Voltage Switching" (ZVS), which significantly reduces heat and increases lifespan. * **Main Transformer:** Provides galvanic isolation between the hazardous AC input and the safe DC output. #### D. Control & Communication * **DSP/Microcontroller:** Manages the digital control loops for voltage regulation and load sharing. * **Communication Bus:** Uses **I2C/PMBus** or **CAN bus** protocols to report status (current, temperature, alarms) to a central shelf controller. --- ### 3. Key Features for Industrial Use 1. **Hot-Pluggable:** The electronic interface allows the module to be inserted or removed while the system is live without causing electrical arcs or system crashes. 2. **N+1 Redundancy:** These parts are designed to work in parallel. If one M3EH72ZPX-R fails, the others automatically increase their load to prevent downtime. 3. **Active Load Sharing:** Ensures that multiple modules connected to the same bus contribute equally to the current output. ---
    ✨ Follow-up Questions
    • ⤷What is the specific maximum wattage for the M3EH72ZPX-R model?
    • ⤷ Which communication protocol does this module use for remote monitoring?
    • ⤷ Is this module compatible with standard 19-inch rack power shelves?