AI

## Analysis of M3H14TCD-R
The **M3H14TCD-R** is an industrial-grade electronic component, specifically a high-precision **Thin Film Chip Resistor** produced by **Susumu**. These components are widely used in automotive, medical, and precision measurement electronics due to their high reliability and stability.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics associated with this part series:
| Property | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor |
| **Case Size** | 0603 (Metric 1608) |
| **Resistance Tolerance** | ±0.5% (D) or ±0.1% (B) |
| **Power Rating** | 0.1W (1/10 W) |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C (typically) |
| **Operating Temperature** | -55°C to +155°C |
| **Voltage Rating** | 75V |
---
### 2. Electronic Characteristics & Construction
The "M3H" designation indicates a specialized high-reliability series. Here are the core electronic aspects:
* **Thin Film Technology:** Unlike thick film resistors, thin film (metal film) is sputtered onto a ceramic substrate. This results in much lower noise, better linearity, and tighter tolerances.
* **Stability:** These parts are designed to have extremely low drift over time and temperature, making them ideal for voltage dividers and feedback loops.
* **Sulfur Resistance:** As part of the Susumu high-reliability lineup, these resistors often feature excellent anti-sulfur properties, preventing corrosion in harsh industrial environments.
* **Noise Performance:** Thin film construction provides excellent signal-to-noise ratios, crucial for sensitive analog circuits.
---
### 3. Part Number Breakdown (Example)
| Code Segment | Meaning |
| :--- | :--- |
| **M3H** | Series Identifier (High reliability/Automotive grade) |
| **14** | Package size/Power rating code |
| **TCD** | Resistance and Tolerance coding |
| **-R** | Tape and Reel packaging |
---
### 4. Typical Applications
Because of its precision, the M3H14TCD-R is commonly found in:
1. **Automotive ECUs:** Engine control units where heat and vibration are prevalent.
2. **Test & Measurement:** Multimeters and oscilloscopes requiring high accuracy.
3. **Medical Imaging:** Equipment where signal integrity is paramount.
4. **Industrial Automation:** Control systems requiring long-term stability.
---
- ⤷
What is the exact resistance value for the 'TCD' suffix in this series?
- ⤷ How does thin film technology compare to thick film in terms of thermal noise?
- ⤷ Are there specific soldering profiles recommended for the M3H series?