データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H18TAG-R

  • AI
    The **M3H18TAG-R** is a high-performance, high-voltage Power MOSFET developed by **Renesas Electronics**. It belongs to the M3H series, which is optimized for automotive and industrial switching applications requiring high efficiency and reliability. --- ## 1. Core Technical Specifications Below are the primary electrical characteristics of the M3H18TAG-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 800V | Maximum voltage across Drain and Source | | **Continuous Drain Current ($I_D$)** | ~18A | Maximum continuous current at 25°C | | **On-State Resistance ($R_{DS(on)}$)** | Low | Optimized for minimal conduction loss | | **Package Type** | TO-263 (D2PAK) | Surface mount power package | | **Technology** | N-Channel MOSFET | Standard polarity for high-side switching | --- ## 2. Key Features and Design The electronic architecture of the M3H18TAG-R is designed to address specific power management challenges: ### A. Gate Charge ($Q_g$) Optimization The device is engineered with low gate charge, which reduces the energy required to switch the transistor on and off. This allows for higher switching frequencies and reduces switching losses. ### B. High Voltage Capability With a breakdown voltage of **800V**, this part is suitable for systems operating on high-voltage DC buses, providing a significant safety margin against voltage spikes. ### C. Thermal Performance The **TO-263** package provides a large thermal pad, allowing for efficient heat dissipation into the PCB. The "R" suffix often denotes specific reel packaging or high-reliability testing standards (like AEC-Q101 for automotive use). --- ## 3. Typical Applications The M3H18TAG-R is commonly integrated into the following circuits: 1. **Switch Mode Power Supplies (SMPS):** Used as the primary switching element in AC-DC converters. 2. **Motor Drives:** Controlling high-voltage DC motors in industrial machinery. 3. **Automotive Inverters:** Power conversion for electric vehicle (EV) sub-systems. 4. **Lighting Ballasts:** Driving high-intensity discharge or large LED arrays. --- ## 4. Internal Circuit Representation The internal structure follows a standard N-Channel enhancement mode configuration: ```text Drain (D) | -----|----- | | | Gate(G)-|--|<--| (Body Diode) | | | -----|----- | Source (S) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact RDS(on) value for the M3H18TAG-R at 25 degrees Celsius?
    • ⤷ Does this MOSFET comply with AEC-Q101 automotive standards?
    • ⤷ What are the recommended gate drive voltage levels for optimal switching?