データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H21TCD-R

  • AI
    The **M3H21TCD-R** belongs to the **M3H group** of microcontrollers developed by **Toshiba**. These are 32-bit MCUs based on the **Arm® Cortex®-M3** core, specifically designed for industrial applications, home appliances, and motor control. ### 1. Core Architecture and Performance This MCU is built for efficiency and real-time control. | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Maximum Frequency** | Up to 40 MHz - 80 MHz (depending on specific revision) | | **Operating Voltage** | 2.7V to 5.5V (Single power supply) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Memory The device integrates high-speed memory to support embedded firmware and data logging. * **Flash Memory:** Typically features high-density code flash (around 32KB to 128KB depending on the specific subset). * **SRAM:** Integrated high-speed RAM for data processing. * **Data Flash:** Dedicated area for non-volatile storage, eliminating the need for external EEPROM in many designs. --- ### 3. Integrated Peripherals The "TCD" designation often points to specific peripheral configurations suited for sensing and control. #### **A. Analog Functions** * **12-bit ADC:** High-speed Analog-to-Digital Converter used for sensor interfacing. * **Analog Comparator:** Useful for overcurrent detection in motor drives. #### **B. Control & Timers** * **T32A (32-bit Timer Event Counter):** Multi-purpose timer for PWM generation or interval measurement. * **Advanced Programmable Motor Control (A-PMD):** Specialized hardware to handle 3-phase PWM output for brushless DC (BLDC) motors. #### **C. Communication Interfaces** * **UART:** Standard asynchronous communication. * **I2C:** Inter-Integrated Circuit for sensor and peripheral communication. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ### 4. Hardware Safety Features Toshiba emphasizes functional safety in the M3H group to meet industrial standards: * **Clock Supervisions:** Monitors the internal clock for failures. * **RAM Parity/ECC:** Detects memory errors. * **CRC Computing Circuit:** Validates data integrity during communication. --- ### 5. Package Information The suffix **-R** typically denotes the packaging style (often indicating "Tape and Reel" for automated SMT assembly). * **Package Type:** Usually a LQFP (Low-profile Quad Flat Package) or QFP. * **Pin Count:** Varies by model, but usually designed for compact PCB footprints. --- ### Summary of Use Cases Due to its combination of the Cortex-M3 core and motor control peripherals, the **M3H21TCD-R** is commonly found in: 1. **Air Conditioning Units** (Fan and Compressor control). 2. **Smart Home Appliances** (Washing machines, refrigerators). 3. **Industrial Inverters** (Small-scale motor drives).
    ✨ Follow-up Questions
    • ⤷ What is the exact Flash and RAM capacity for the M3H21TCD variant?
    • ⤷ Does this MCU support functional safety standards like IEC 60730?
    • ⤷ What development tools or IDEs are recommended for programming Toshiba M3H MCUs?