M3H22FCD-R
AI

The **M3H22FCD-R** is an integrated circuit, specifically a member of the **M3H Group** of microcontrollers developed by **Toshiba**. These MCUs are based on the **ARM® Cortex®-M3** core, designed for high-efficiency motor control and consumer electronic applications.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Technical Specifications
The device is optimized for real-time control and low power consumption.
| Parameter | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 40 MHz - 80 MHz (varies by operational mode) |
| **Flash Memory** | 128 KB - 512 KB (Part-specific variant) |
| **RAM** | 12 KB - 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP (Low-profile Quad Flat Package) |
---
### 2. Key Internal Components
The "FCD-R" designation refers to specific peripheral sets and packaging. The internal architecture consists of:
#### A. Core and Memory
* **ARM® Cortex®-M3:** A 32-bit RISC processor known for its high performance-to-power ratio.
* **Embedded Flash:** High-speed memory for storing application firmware.
* **SRAM:** Used for data variables and stack operations.
#### B. Motor Control Peripherals (A-PMD)
One of the primary features of the M3H group is the **Advanced Programmable Motor Driver (A-PMD)**.
* **PWM Generation:** Capable of generating complex pulse-width modulation signals for 3-phase motors.
* **Dead Time Control:** Prevents short circuits in H-bridge configurations by adding delays between switching.
#### C. Analog Components
* **ADCs (Analog-to-Digital Converters):** High-speed 12-bit converters used for sensing current, voltage, and temperature.
* **VEC (Vector Engine):** Some models include hardware acceleration to handle the mathematical calculations required for Vector Control (FOC).
#### D. Connectivity and Communication
* **UART/I2C/SPI:** Standard serial interfaces for communicating with sensors or other MCUs.
* **Timers:** Multiple 16-bit and 32-bit timers for task scheduling and input capture.
---
### 3. Naming Convention Breakdown
In the Toshiba lineup, the part number is structured as follows:
* **M3H:** The product group (Cortex-M3 High-functionality).
* **22:** Refers to the specific pin count or peripheral set version.
* **F:** Indicates "Flash" memory type.
* **CD:** Indicates the memory density/package configuration.
* **-R:** Usually denotes the packaging format (e.g., Tape and Reel).
---
### 4. Typical Applications
* **Home Appliances:** Washing machines, air conditioners (inverters), and refrigerators.
* **Industrial Equipment:** Small-scale motor drivers and pump controllers.
* **Office Automation:** Printers and scanners.
---
- ⤷
What are the specific power consumption ratings for the M3H22FCD-R in standby mode?
- ⤷ How does the A-PMD peripheral compare to standard PWM controllers?
- ⤷ Which development tools or IDEs support programming for this Toshiba MCU?