データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H22FCG-R

  • AI
    The **M3H22FCG-R** belongs to the **TOSHIBA M3H Group** of microcontrollers, which are part of the **TXZ+™ Family Advanced Class**. These chips are based on the ARM® Cortex®-M3 core and are designed for high-performance control in consumer electronics, home appliances, and industrial equipment. --- ### 1. Core Technical Specifications The M3H22FCG-R is a highly integrated 32-bit microcontroller. Below are its primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V (Single Power Supply) | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Integrated Peripheral Modules This microcontroller is characterized by its high-speed processing and specific functional blocks: #### A. Analog-to-Digital Conversion (ADC) * **Channels:** 20-channel inputs. * **Resolution:** 12-bit. * **Speed:** High-speed conversion (approx. 1.0 μs). * **Usage:** Ideal for sensing motor current, temperature, and voltage levels. #### B. Timer and Control Functions * **A-PMD (Advanced Programmable Motor Control):** Specifically designed for 3-phase motor control, supporting inverter bridge driving. * **A-ENC (Advanced Encoder Input Circuit):** Supports 2-phase/3-phase encoders for precise motor positioning. * **General Purpose Timers:** 8-channel 16-bit timers for PWM generation and pulse measurement. #### C. Connectivity Interfaces * **UART:** 4 channels (up to 5 Mbps). * **I2C:** 3 channels (supports Multi-master). * **TSPI (Toshiba Serial Peripheral Interface):** 3 channels, compatible with SPI protocol. --- ### 3. Key Electronic Advantages 1. **High-Speed Processing:** The 120 MHz clock speed allows for complex real-time calculations, such as vector control for motors. 2. **Low Power Management:** Includes multiple standby modes (IDLE, STOP1, STOP2) to reduce current consumption in battery-operated or energy-efficient devices. 3. **Self-Diagnosis:** Features hardware-based safety functions (like RAM parity checks) to comply with functional safety standards (IEC 60730). --- ### 4. Typical Applications Due to its high integration and motor control features, the M3H22FCG-R is commonly found in: * **Home Appliances:** Air conditioners, washing machines, and refrigerators. * **Industrial:** AC servos, general-purpose inverters, and PLC (Programmable Logic Controllers). * **Office Automation:** Printers and scanners.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the M3H and M4K series in the Toshiba TXZ+ family?
    • ⤷ Does the M3H22FCG-R support CAN bus communication?
    • ⤷ What development tools or IDEs are recommended for programming this ARM Cortex-M3 chip?