M3H23TCD-R
AI

## M3H23TCD-R: Technical Overview
The **M3H23TCD-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Series** microcontrollers developed by **Toshiba**. These are high-performance 32-bit microcontrollers based on the Arm® Cortex®-M3 core, designed specifically for motor control and industrial automation.
---
### 1. Core Specifications
| Feature | Details |
| :--- | :--- |
| **Core** | Arm® Cortex®-M3 |
| **Max Frequency** | 120 MHz |
| **Operating Voltage** | 2.7V to 5.5V |
| **Flash Memory** | 512 KB |
| **RAM** | 66 KB (Includes 2KB Backup RAM) |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
---
### 2. Key Electronic Components & Subsystems
#### A. Motor Control Peripherals
This chip is highly optimized for controlling brushless DC (BLDC) motors and AC motors:
* **Advanced Programmable Motor Control (A-PMD):** A 3-phase PWM output generator that supports dead-time insertion and emergency stop functions via external hardware pins.
* **Vector Engine (VE):** A dedicated hardware accelerator that performs coordinate transformation (Clarke/Park) and PI control calculations, significantly reducing CPU load during motor operations.
* **Advanced Encoder Input Circuit (A-ENC):** Supports incremental encoders (ABZ phase) for precise position and speed feedback.
#### B. Analog-to-Digital Conversion (ADC)
* **High-Speed ADC:** Features 12-bit resolution with multiple channels.
* **Conversion Speed:** Capable of approximately 1.5 $\mu$s conversion time.
* **Triggering:** Can be synchronized with the PWM timer (A-PMD) for precise current sensing at specific points in the motor cycle.
#### C. Communication Interfaces
The device integrates standard industrial protocols:
* **UART / SI2C / TSPI:** Multiple channels for serial communication.
* **CAN:** Controller Area Network support for automotive or industrial networking.
* **I2C:** Inter-Integrated Circuit for sensor interfacing.
---
### 3. Application Areas
The "R" suffix typically denotes the revision or packaging style (Tape & Reel). This specific model is commonly found in:
* **Home Appliances:** Washing machines, air conditioners (inverter control).
* **Industrial Equipment:** Small pumps, fans, and conveyor systems.
* **Office Automation:** High-speed printers and scanners.
---
### 4. Code Example: GPIO Initialization (CMSIS)
To interact with the electronic pins of the M3H23TCD-R, developers typically use the CMSIS-compliant drivers.
```c
#include "TXZ+M3H.h"
void GPIO_Init(void) {
// Enable clock for Port A
TSB_CG_FSYSENA_IPENA06 = 1;
// Set PA0 as output
TSB_PA->MODer_f.MODe0 = 1;
// Write High to PA0
TSB_PA->DATA_f.DATA0 = 1;
}
```
---
- ⤷
What are the main differences between the M3H Group and the M4K Group in Toshiba's TXZ+ series?
- ⤷ How does the hardware 'Vector Engine' improve efficiency compared to software-based motor control?
- ⤷ Does the M3H23TCD-R support Functional Safety (IEC 60730) for home appliances?