M3H24FAD-R
AI

The **M3H24FAD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in automotive and industrial power management applications. It is designed for high-efficiency switching and robust thermal performance.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the M3H24FAD-R:
| Parameter | Symbol | Value (Typical/Max) |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 40V |
| **Continuous Drain Current** | $I_D$ | ~100A - 120A (Package limited) |
| **On-Resistance** | $R_{DS(on)}$ | ~1.8 mΩ to 2.4 mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | DPAK / TO-252 | Surface Mount |
| **Operating Temperature** | $T_j$ | -55°C to 175°C |
---
### 2. Physical and Structural Components
The device consists of three main electronic "parts" or terminals that govern its operation:
1. **Gate (G):** The control terminal. A voltage applied here creates an electric field that allows current to flow between the drain and source.
2. **Drain (D):** The terminal where current enters (in an N-channel device). It is usually connected to the copper heat sink pad on the back of the package for thermal dissipation.
3. **Source (S):** The terminal where current exits.
### 3. Core Features
* **Trench Technology:** It utilizes a "Trench" gate structure, which reduces the internal resistance ($R_{DS(on)}$) and minimizes power loss during conduction.
* **Logic Level Drive:** It is often designed to be triggered by low-voltage logic (e.g., 5V), making it compatible with microcontrollers.
* **Avalanche Ruggedness:** The internal structure is designed to handle "avalanche" events—sudden voltage spikes from inductive loads (like motors)—without immediate failure.
---
### 4. Common Applications
Due to its high current handling and low heat generation, it is found in:
* **DC-DC Converters:** For stepping down battery voltage in vehicles.
* **Motor Controllers:** Driving brushed or brushless DC motors.
* **Load Switches:** Acting as an electronic fuse to protect circuits from overcurrent.
* **Battery Management Systems (BMS):** Controlling the charging and discharging paths in lithium-ion packs.
---
### 5. Schematic Symbol Representation
In a circuit diagram, the M3H24FAD-R is represented as an N-Channel Enhancement Mode MOSFET:
```text
Drain (D)
|
|----+
| |
Gate |----| (Internal Body Diode)
(G) | |
|----+
|
Source (S)
```
- ⤷
What are the cooling requirements for the M3H24FAD-R at maximum current?
- ⤷ How does the RDS(on) value change with temperature in this specific MOSFET?
- ⤷ Is there a direct equivalent or alternative part for the M3H24FAD-R?