データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H24FCD-R

  • AI
    The **M3H24FCD-R** is part of the **TOSHIBA TXZ+™ Family Advanced Series**, specifically based on the **Arm® Cortex®-M3** core. It is a high-performance microcontroller (MCU) designed primarily for motor control and industrial automation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 66 KB (Includes 2KB Data Flash) | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14x14mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Core Functional Blocks The "Electronic Parts" or internal peripherals of this MCU are optimized for high-speed precision tasks: #### A. Motor Control & Timers * **A-PMD (Advanced Programmable Motor Driver):** A specialized 3-phase PWM output unit that handles inverter control with dead-time insertion. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder signal processing, crucial for sensing motor position and speed. * **T32A:** 32-bit timers used for interval timing and input capture. #### B. Analog Components * **12-bit ADC:** High-speed Analog-to-Digital converters with multiple channels (approx. 1.0µs conversion time) to monitor current and voltage in real-time. * **DAC:** 8-bit Digital-to-Analog converter for generating reference signals. #### C. Communication Interfaces * **UART/SIO:** For general serial communication. * **I2C/EI2C:** For peripheral sensor interfacing. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data exchange with external memories or displays. #### D. Safety & Reliability * **Self-Diagnosis:** Hardware functions to support functional safety (IEC 60730). * **Watchdog Timer:** Prevents system hang-ups. * **LVD (Low Voltage Detection):** Monitors power supply stability. --- ### 3. Application Use Cases Due to its high frequency and specialized motor peripherals, the M3H24FCD-R is commonly found in: 1. **Consumer Electronics:** Washing machines, air conditioners (inverter control). 2. **Industrial Equipment:** Compact PLCs, motor drives, and pumps. 3. **Office Automation:** High-speed printers and scanners. --- ### 4. Part Number Breakdown (Nomenclature) * **M3H:** Group name (Cortex-M3 High-speed line). * **24:** Indicates specific pin count and memory density variations. * **FCD:** Memory/Package specific code (512KB Flash). * **-R:** Usually denotes RoHS compliance or specific taping/reeling packaging.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M3H and M4K series for motor control?
    • ⤷ How do I implement the A-PMD unit for a brushless DC motor?
    • ⤷ What development tools or IDEs support the Toshiba TXZ+ family?