データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H25FBD-R

  • AI
    The **M3H25FBD-R** is a specialized power semiconductor component, specifically a **N-Channel Silicon Carbide (SiC) MOSFET** developed by ROHM Semiconductor. These components are designed for high-efficiency, high-voltage, and high-speed switching applications. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the M3H25FBD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Continuous Drain Current** | $I_D$ | 60 A - 80 A (Temp dependent) | | **On-Resistance** | $R_{DS(on)}$ | 25 m$\Omega$ (Typical) | | **Gate-Source Voltage** | $V_{GS}$ | -4V to +22V | | **Power Dissipation** | $P_D$ | ~200W - 300W | | **Package Type** | TO-247 | Through-hole | --- ### 2. Core Features The M3H25FBD-R utilizes **3rd Generation SiC technology**, which offers several advantages over traditional Silicon (Si) MOSFETs: * **Low On-Resistance:** The 25 m$\Omega$ rating ensures minimal conduction loss, which reduces heat generation during operation. * **High Thermal Conductivity:** SiC material dissipates heat much faster than silicon, allowing for smaller heat sinks and higher power density. * **Fast Switching Speed:** Reduced parasitic capacitance leads to lower switching losses, enabling the use of higher frequencies in power converters. * **High Temperature Operation:** Capable of maintaining performance at junction temperatures up to 175°C. --- ### 3. Circuit Application & Implementation When integrating this part into an electronic system, engineers focus on the following areas: #### Gate Driver Requirements Because SiC MOSFETs have a high threshold voltage and specific gate charge characteristics, they require a dedicated **SiC Gate Driver IC**. * **Turn-on:** Usually requires +18V to +20V for optimal $R_{DS(on)}$. * **Turn-off:** Often requires a negative bias (e.g., -3V) to ensure the device stays off despite high $dV/dt$ noise. #### Common Use Cases 1. **EV Charging Stations:** Used in DC-DC converters and AC-DC rectifiers. 2. **Solar Inverters:** High-efficiency string inverters for renewable energy. 3. **Switch Mode Power Supplies (SMPS):** Server power supplies and industrial power bricks. 4. **Motor Drives:** High-efficiency industrial motor controllers. --- ### 4. Comparison: Si vs. SiC (M3H Series) | Feature | Silicon MOSFET | M3H25FBD-R (SiC) | | :--- | :--- | :--- | | **Switching Loss** | High | Very Low | | **Die Size** | Large | Small | | **High Temp Stability** | Moderate | Excellent | | **System Cost** | Low (Component) | Lower (Total System Level) |
    ✨ Follow-up Questions
    • ⤷ What are the recommended gate driver ICs for the M3H series?
    • ⤷ How does the 25mOhm resistance change as the junction temperature increases?
    • ⤷ What is the specific recovery behavior of the internal body diode?