データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H25FCD-R

  • AI
    The **M3H25FCD-R** is an automotive-grade, high-performance microcontroller part of the **M3H Group** within the **TXZ+™ Family Advanced Class**, manufactured by **Toshiba**. It is based on the ARM® Cortex®-M3 core and is specifically designed for motor control and consumer electronics requiring high reliability. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 256 KB (Code) / 32 KB (Data) | | **RAM** | 32 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm) | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Core Functional Blocks #### A. Motor Control Capabilities The M3H series is highly optimized for motor driving applications. It includes: * **A-PMD (Advanced Programmable Motor Driver):** A 3-phase PWM output timer that can control brushless DC (BLDC) motors. It supports dead-time insertion and emergency stop synchronization. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder inputs to track motor position and speed accurately. #### B. Analog Components To interface with sensors and feedback loops, the chip integrates: * **12-bit ADC:** High-speed Analog-to-Digital converters (approx. 1.5μs conversion time) for precise current sensing. * **DAC:** 8-bit Digital-to-Analog converter for reference voltage generation. #### C. Communication Interfaces The device supports standard industrial and automotive communication protocols: * **CAN:** Controller Area Network for robust automotive data exchange. * **UART / I2C / SPI:** For peripheral sensors and inter-chip communication. --- ### 3. Safety and Reliability The "FCD" designation often points to specific qualifications: * **Functional Safety:** Includes hardware features to assist in achieving **IEC 60730** (Class B) safety standards for household appliances. * **Self-Diagnosis:** Built-in RAM parity checks and flash CRC hardware to detect memory corruption. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **M3H** | Toshiba TXZ+ Family / Cortex-M3 Group | | **25** | Denotes Flash Memory size (25 = 256 KB) | | **F** | Flash memory type | | **CD** | Package and Pin-count identifier (LQFP100) | | **-R** | Tape and Reel packaging for automated assembly | ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the M3H and M4K Toshiba microcontroller series?
    • ⤷ Can this microcontroller be used for ASIL-B automotive safety applications?
    • ⤷ What development tools or IDEs are recommended for programming the M3H25FCD-R?