データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H25FCG-R

  • AI
    The **M3H25FCG-R** is an N-Channel Enhancement Mode Power MOSFET specifically designed for high-efficiency power management and switching applications. It is frequently utilized in automotive and industrial sectors due to its robust thermal characteristics and low resistance. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~25A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~10mΩ (at $V_{GS}$ = 10V) | | **Gate-Source Voltage** | $V_{GS}$ | ±20V | | **Package Type** | DPAK / TO-252 | Surface Mount | --- ### 2. Functional Description This electronic component acts as a high-speed switch or a variable resistor controlled by voltage. * **Low $R_{DS(on)}$:** The device minimizes power dissipation during the "ON" state, which reduces heat generation and improves overall system efficiency. * **Fast Switching:** The low gate charge allows the MOSFET to transition between "ON" and "OFF" states very quickly, making it ideal for high-frequency PWM (Pulse Width Modulation) circuits. * **Enhancement Mode:** This means the device is normally "OFF" when the gate-source voltage is zero. A positive voltage must be applied to the gate to allow current to flow. --- ### 3. Application Use Cases The M3H25FCG-R is commonly found in the following electronic assemblies: 1. **DC-DC Converters:** Used as a switching element to step down or step up voltages in power supplies. 2. **Motor Controllers:** Found in H-bridge circuits for controlling the speed and direction of small DC motors. 3. **Battery Protection:** Integrated into BMS (Battery Management Systems) to disconnect loads or chargers during fault conditions. 4. **Load Switching:** Acting as an electronic relay to turn peripherals on or off in automotive body electronics. --- ### 4. Thermal & Mechanical Considerations The **-R** suffix typically denotes that the part is supplied in **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. Because it is a high-current device, the DPAK package is designed to dissipate heat through the PCB copper plane; therefore, proper thermal via design is essential for its longevity.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives to the M3H25FCG-R?
    • ⤷ How does the gate charge affect the switching frequency of this MOSFET?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?