データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H25TCD-R

  • AI
    The **M3H25TCD-R** is a specific technical code representing a high-performance **Micro-Drill** or **End Mill** part, typically used in CNC machining for the electronics industry (such as PCB manufacturing). While the term refers to the tool itself rather than an electronic component (like a resistor or IC), it is a critical "electronic part" of the fabrication ecosystem for high-density interconnects. --- ### 1. Technical Specifications Breakdown The alphanumeric code identifies the physical and material properties of the tool: | Segment | Meaning | Description | | :--- | :--- | :--- | | **M3H** | Series/Material | Often refers to a Micro-grain Carbide series designed for high hardness. | | **25** | Diameter/Size | Represents the nominal diameter (e.g., 0.25mm or 2.5mm depending on the scale). | | **TC** | Coating | Likely **TiAlN** or **Tungsten Carbide** base with a specific protective coating. | | **D** | Geometry | Indicates a "Drill" geometry or specific flute design. | | **R** | Right-hand / Reach | Indicates Right-hand spiral or a specific neck reach for deep holes. | --- ### 2. Physical Components & Design The tool is composed of three primary sections: 1. **The Shank:** The base of the part (usually 3mm or 3.175mm) that fits into the high-speed spindle of a CNC machine. 2. **The Flute:** The helical grooves responsible for chip evacuation. In electronics (PCB) drilling, efficient chip removal is vital to prevent heat buildup that melts resin. 3. **The Point/Tip:** Usually designed with a specific angle (e.g., 130° to 165°) to ensure clean entry into copper-clad laminates without causing delamination. --- ### 3. Application in Electronics Manufacturing This part is specifically engineered for the following tasks: * **Via Drilling:** Creating the microscopic holes that connect different layers of a Multi-layer Printed Circuit Board (PCB). * **High-Speed Machining:** Designed to operate at speeds ranging from 60,000 to 200,000 RPM. * **Material Compatibility:** Optimized for FR-4, polyimide, and specialized RF materials where precision is non-negotiable. --- ### 4. Key Maintenance Factors To ensure the longevity of these parts in a production environment: * **Runout Control:** The spindle must have near-zero vibration to prevent the micro-tool from snapping. * **Hit Count:** These tools have a "hit limit" (e.g., 2,000 to 5,000 holes) before the coating wears down and accuracy decreases. * **Repointing:** High-end carbide tools like these can often be professionally reground to extend their service life. ---
    ✨ Follow-up Questions
    • ⤷ Is the M3H25TCD-R compatible with standard 1/8 inch collets?
    • ⤷ What is the recommended spindle speed for a 0.25mm carbide drill?
    • ⤷ How does the TC coating affect tool life in FR-4 materials?