データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H26TAG-R

  • AI
    The **M3H26TAG-R** is a specific technical component part number, most commonly associated with **RFID Transponders (Tags)** or specialized automotive/industrial electronic components. Below is a detailed breakdown of its electronic characteristics and typical specifications. --- ### 1. General Overview This component is typically a passive or active electronic tag used for identification, tracking, or security. It is engineered to operate in harsh environments, often meeting automotive or industrial grade standards. ### 2. Technical Specifications While exact specifications can vary slightly depending on the manufacturer (often associated with brands like **Mitsubishi** or specialized RFID firms), the typical electronic profile is as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | RFID Transponder / Electronic Tag | | **Frequency Range** | Typically LF (125 kHz) or HF (13.56 MHz) | | **Memory Capacity** | Read-only or Read/Write (e.g., 64-bit to 2k-bit) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Communication Protocol** | Proprietary or ISO/IEC Standard (e.g., ISO 15693) | | **Housing Material** | Epoxy Resin or High-temp Plastic | --- ### 3. Key Electronic Sub-systems The internal architecture of the M3H26TAG-R generally consists of three primary electronic parts: #### A. The Integrated Circuit (IC) * **Logic Unit:** Handles data encoding and decoding. * **EEPROM:** Non-volatile memory that stores the unique ID or user-programmed data. * **Rectifier:** Converts the incoming RF signal into DC voltage to power the chip (if passive). #### B. The Antenna Coil * A micro-copper coil tuned to a specific resonance frequency. * Acts as the primary interface for energy harvesting and data transmission via electromagnetic induction. #### C. Tuning Capacitor * An internal capacitor that works with the antenna coil to create an **LC Resonant Circuit**. * This ensures the tag responds accurately to the specific frequency of the reader. --- ### 4. Common Applications * **Automotive Security:** Used in key fobs for immobilizer systems. * **Access Control:** High-security building entry tokens. * **Industrial Logistics:** Tracking heavy machinery or parts through high-heat manufacturing processes.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the M3H26TAG-R?
    • ⤷ Is this component compatible with standard NFC readers?
    • ⤷ What are the mounting requirements for this tag in industrial environments?