M3H27FAD-R
AI

The **M3H27FAD-R** is a high-performance N-channel power MOSFET designed primarily for automotive and industrial power management applications. It is manufactured by companies like **STMicroelectronics** or similar high-reliability power semiconductor vendors, typically featuring robust thermal characteristics.
---
### 1. Technical Specifications
The following table outlines the typical electrical parameters for this component:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 - 40 | V |
| **Continuous Drain Current** | $I_{D}$ | 100 - 120 | A |
| **On-Resistance** | $R_{DS(on)}$ | < 2.5 | mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | V |
| **Operating Temperature** | $T_{j}$ | -55 to 175 | °C |
| **Package Type** | - | PowerFLAT / DFN | - |
---
### 2. Key Electronic Features
* **Low On-Resistance ($R_{DS(on)}$):** This part is engineered to have extremely low resistance when turned on, which minimizes power dissipation and heat generation during high-current conduction.
* **High Current Density:** Despite its small footprint, it can handle significant current (often exceeding 100A in pulsed mode), making it ideal for compact designs.
* **AEC-Q101 Qualification:** Often used in automotive contexts, meaning it has undergone rigorous stress testing for reliability under harsh environmental conditions (vibration, thermal cycling).
* **Logic Level Gate Drive:** Usually compatible with standard logic level gate voltages, allowing it to be driven directly by microcontrollers or dedicated gate driver ICs.
---
### 3. Functional Applications
The M3H27FAD-R is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used as a switching element in buck or boost converters to regulate voltage.
2. **Motor Control:** Acts as a bridge transistor for BLDC (Brushless DC) motor drivers in automotive power steering or cooling fans.
3. **Battery Management Systems (BMS):** Functions as a protection switch to disconnect the battery load during overcurrent or short-circuit events.
4. **Load Switching:** Used to turn high-power peripherals on or off with minimal energy loss.
---
### 4. Package & Pinout Overview
The "FAD" suffix usually refers to a specific package style, often a **PowerFLAT 5x6** or similar surface-mount technology (SMT) package. These packages feature:
* **Large Thermal Pad:** Located on the bottom to provide a direct path for heat to flow into the PCB copper planes.
* **Low Inductance:** Short internal connections to reduce electromagnetic interference (EMI) during high-frequency switching.
- ⤷
What are the specific thermal resistance values for the M3H27FAD-R package?
- ⤷ Can this MOSFET be used in parallel for higher current applications?
- ⤷ What is the recommended gate driver voltage for optimal switching speed?