M3H32FCD-R
AI

The **M3H32FCD-R** belongs to the **M3H Group (1)** of the **TXZ+™ Family Advanced Class** microcontrollers developed by Toshiba. It is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and consumer electronics.
---
### 1. Core Technical Specifications
The device is optimized for real-time control applications with the following internal architecture:
| Feature | Specification |
| :--- | :--- |
| **CPU Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 256 KB |
| **RAM** | 32 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP32 (7mm x 7mm, 0.8mm pitch) |
---
### 2. Key Electronic Components & Peripherals
The "FCD-R" variant includes specific hardware blocks tailored for power efficiency and signal processing:
#### A. Analog-to-Digital Converter (ADC)
* **High-speed 12-bit ADC:** Capable of a 1.0 $\mu$s conversion time.
* **Triggering:** Can be synchronized with timer units for precise motor phase current sensing.
#### B. Motor Control Timer (A-PMD)
* **Advanced Programmable Motor Control Circuit:** Supports 3-phase PWM output with dead-time insertion.
* **Emergency Stop:** Built-in hardware logic to shut down PWM signals in case of overcurrent detection.
#### C. Connectivity & Interface
* **UART/SIO:** 2 channels for serial communication.
* **I2C:** 1 channel for sensor interfacing.
* **TSPI:** 1 channel for high-speed serial peripheral interface.
---
### 3. Pinout and Physical Characteristics
The **LQFP32** package is compact, making it suitable for small-footprint PCB designs.
* **Vcc/Vss:** Power supply pins (supports 5V systems commonly found in industrial environments).
* **RESET_N:** Active-low reset pin.
* **GPIO:** Multi-functional pins that can be configured for interrupt inputs or peripheral outputs.
---
### 4. Part Number Decoder
Understanding the "M3H32FCD-R" suffix:
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Toshiba TXZ+ Family (M3H Group) |
| **32** | Pin count (32-pin) |
| **F** | Flash Memory type |
| **C** | 256 KB Flash capacity |
| **D** | Standard feature set / Temperature range |
| **-R** | Tape and Reel packaging |
---
### 5. Common Applications
Due to its 120MHz clock speed and specialized timers, this part is frequently used in:
1. **Brushless DC (BLDC) Motor Drivers:** Fans, pumps, and small appliances.
2. **Home Appliances:** Washing machines or air conditioner outdoor units.
3. **Industrial Equipment:** Small-scale automated actuators.
- ⤷What are the power consumption profiles for the M3H32FCD-R in sleep mode?
- ⤷ Does this microcontroller support hardware-based Field Oriented Control (FOC)?
- ⤷ Which development tools or IDEs are compatible with the TXZ+ M3H series?