データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H33TCD-R

  • AI
    The **M3H33TCD-R** is an automotive-grade electronic component, specifically a high-performance **Microcontroller (MCU)** from the **Renesas M3H Group (T-Series)** based on the ARM® Cortex®-M3 core. Below is a detailed breakdown of its technical specifications and parts. --- ### 1. Core Architecture | Feature | Specification | | :--- | :--- | | **CPU Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (varies by power mode) | | **Instruction Set** | Thumb-2 technology for high code density | | **Safety Features** | ECC on Flash/RAM, Memory Protection Unit (MPU) | ### 2. Memory Configuration | Component | Capacity/Type | | :--- | :--- | | **Flash Memory** | Typically 128KB to 512KB (depending on specific binning) | | **SRAM** | 32KB to 64KB | | **Data Flash** | Dedicated area for EEPROM emulation (approx. 8KB) | ### 3. Integrated Peripherals The "TCD" designation often points to specific communication and timer enhancements: * **Communication Interfaces:** * **CAN/CAN FD:** High-speed Controller Area Network for automotive networking. * **UART/LIN:** Local Interconnect Network for body electronics. * **I2C/SPI:** Standard serial interfaces for sensor integration. * **Analog Components:** * **ADC:** 12-bit Analog-to-Digital Converter with multiple channels. * **DAC:** 8-bit or 12-bit Digital-to-Analog Converter. * **Timers:** * High-resolution PWM timers for motor control and lighting. ### 4. Part Number Breakdown (M3H33TCD-R) The nomenclature follows Renesas' standard coding system: | Segment | Meaning | | :--- | :--- | | **M3H** | Group Series (Cortex-M3 High performance/Automotive) | | **33** | Specific sub-family/pin count/feature set identifier | | **T** | Temperature Grade (Usually -40°C to +105°C or +125°C) | | **CD** | Package Type and Memory Density code | | **-R** | Packaging format (Tape & Reel) | --- ### 5. Application Areas This part is primarily used in **Automotive Body Electronics** and **Industrial Automation**: * Body Control Modules (BCM). * Heating, Ventilation, and Air Conditioning (HVAC) controllers. * Motor control for windows, mirrors, and seats. * Lighting control systems.
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the M3H33TCD package?
    • ⤷ Does the M3H33TCD-R support Functional Safety standards like ISO 26262?
    • ⤷ What are the power consumption specs in Deep Standby mode?