データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H34FDG-R

  • AI
    The **M3H34FDG-R** is a high-performance **N-Channel enhancement mode Power MOSFET** manufactured by Niko-Sem (Niko-Semiconductor). It is designed primarily for high-efficiency power management and switching applications. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Continuous Drain Current** | $I_D$ | ~34A (varies by thermal design) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | Low (Typ. < 10-15 $m\Omega$ at 10V) | | **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V | | **Package Type** | DFN 3x3 | Surface Mount (SMD) | --- ### 2. Physical Characteristics & Pinout The device typically comes in a **DFN3x3-8** package (Dual Flat No-lead), which is optimized for thermal dissipation and a small footprint. 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Drain (D):** Usually connected to the large thermal pad on the bottom for cooling. 3. **Source (S):** Connected to the ground or the load return path. --- ### 3. Core Features * **Low $R_{DS(ON)}$:** This reduces conduction losses, making it highly efficient for high-current applications. * **High-Speed Switching:** Optimized gate charge ($Q_g$) allows the transistor to turn on and off rapidly, minimizing switching losses. * **Logic Level Compatibility:** Can be driven directly by low-voltage microcontrollers or PWM ICs due to its low gate threshold. * **RoHS Compliant:** Green device, free from lead and halogen. --- ### 4. Common Applications The M3H34FDG-R is widely used in power conversion circuits where space is limited but power density must be high: * **DC-DC Converters:** Buck or Boost converters in laptops and mobile devices. * **Battery Management Systems (BMS):** Charging and protection circuits for Li-ion batteries. * **Load Switching:** Turning peripheral power rails on/off within a PCB. * **Motor Control:** Small BLDC motor drivers or brushed DC motor H-bridges. --- ### 5. Equivalent/Substitution Considerations When looking for a replacement or equivalent, ensure the following parameters match or exceed the M3H34FDG-R: * The **Footprint** (DFN 3x3) must match the PCB landing pattern. * The **$V_{DSS}$** must be at least 30V. * The **$R_{DS(ON)}$** should be equal or lower to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the M3H34FDG-R?
    • ⤷ How does the gate charge (Qg) affect the switching frequency in this MOSFET?
    • ⤷ Can this MOSFET be used in 5V or 3.3V logic level circuits?