データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H35TAD-R

  • AI
    The **M3H35TAD-R** is a high-performance, automotive-grade Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for high-current switching applications and power management in harsh environments. --- ## 1. Technical Specifications The following table summarizes the key electrical characteristics of the M3H35TAD-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 30 | V | | **Continuous Drain Current ($I_D$)** | 35 | A | | **On-Resistance ($R_{DS(on)}$) Max** | ~4.5 - 6.0 | mΩ | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 | V | | **Package Type** | TPAK (Surface Mount) | - | | **Operating Temperature** | -55 to +175 | °C | --- ## 2. Key Features The M3H35TAD-R stands out due to several design optimizations: * **Low On-Resistance ($R_{DS(on)}$):** Minimizes conduction losses, which reduces heat generation and improves overall energy efficiency. * **AEC-Q101 Qualified:** This part is tested and certified for automotive use, meaning it can withstand high vibration and extreme temperature fluctuations. * **High Power Density:** The TPAK/DPAK style packaging allows for high current handling in a relatively small footprint. * **Logic Level Drive:** It can often be triggered by lower gate voltages, making it compatible with various driver circuits. --- ## 3. Internal Component Structure Internally, the M3H35TAD-R consists of: 1. **N-Channel Enhancement Mode Structure:** It requires a positive voltage at the gate to allow current to flow from the Drain to the Source. 2. **Built-in Body Diode:** Protects the device against reverse current and allows for use in inductive load switching (flyback protection). 3. **Gate Protection:** Integrated structures to prevent electrostatic discharge (ESD) from damaging the thin oxide layer of the gate. --- ## 4. Typical Applications Because of its durability and high current capacity, it is commonly used in: * **Automotive Systems:** Electric Power Steering (EPS), fuel injection control, and ABS systems. * **DC-DC Converters:** High-frequency switching for power supply modules. * **Motor Control:** Driving brushed or brushless DC (BLDC) motors. * **Load Switches:** Controlling power distribution to different modules in a vehicle or industrial machine. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M3H35TAD-R?
    • ⤷ How does the gate charge (Qg) affect its switching speed?
    • ⤷ What is the recommended gate driver circuit for this N-channel MOSFET?