データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H36FCG-R

  • AI
    The **M3H36FCG-R** refers to a high-performance microcontroller from the **TOSHIBA TXZ+™ Family**, specifically the **M3H Group**. These chips are based on the ARM® Cortex®-M3 core and are designed for motor control, industrial equipment, and home appliances. --- ### 1. Key Technical Specifications The "M3H36FCG" alphanumeric code describes the specific hardware capabilities of the chip. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm) | | **Operating Temp** | -40°C to 85°C | --- ### 2. Functional Electronic Subsystems The internal architecture consists of several specialized blocks that handle processing, sensing, and control: #### A. Analog-to-Digital Conversion (ADC) This part is crucial for sensing real-world signals. * **High Speed:** Equipped with a 12-bit ADC. * **Channels:** Supports multiple input channels (up to 16-24 depending on configuration). * **Conversion Time:** Capable of high-speed sampling (approx. 1.0 $\mu$s). #### B. Timer and PWM Units Designed specifically for **Motor Control**: * **A-PMD (Advanced Programmable Motor Control):** Synchronizes PWM output with ADC timing to control 3-phase motors (BLDC) efficiently. * **A-ENC (Advanced Encoder Input Circuit):** Processes signals from motor rotation sensors (encoders) to track position and speed. #### C. Connectivity Interfaces The "FCG" variant includes standard industrial communication protocols: * **UART:** For serial communication. * **I2C / SIO:** For interacting with peripheral sensors and EEPROMs. * **TSPI:** Toshiba's high-speed Serial Peripheral Interface. --- ### 3. Power Management and Reliability The **-R** suffix often denotes the packaging style (e.g., Tape and Reel) or a specific revision. * **Low Power:** Includes multiple "Stop" and "Sleep" modes to conserve energy. * **Self-Diagnosis:** Built-in hardware functional safety features (IEC60730 support) to detect RAM errors or clock failures, making it suitable for home appliances. --- ### 4. Typical Applications 1. **Consumer Electronics:** Washing machines, air conditioners (inverter control). 2. **Industrial:** Small-to-medium robotic arms, pumps, and fans. 3. **Office Automation:** Printers and high-speed scanners.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M3H and M4K groups in the TXZ+ family?
    • ⤷ How do I configure the A-PMD unit for 3-phase motor control?
    • ⤷ Does this chip support CAN bus communication?