データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H37TBD-R

  • AI
    The **M3H37TBD-R** is an industrial-grade **Direct Current (DC) Brushless Fan Motor Driver** or integrated assembly, typically associated with high-performance cooling solutions (often seen in server, telecommunications, or industrial computing environments). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | DC Brushless Fan / Motor Control Assembly | | **Input Voltage** | Typically 12V DC (Standard for IT infrastructure) | | **Operating Current** | High-amperage design (often 3.0A - 5.0A range) | | **Control Interface** | PWM (Pulse Width Modulation) & Tachometer Output | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Safety Features** | Locked Rotor Protection, Polarity Protection | --- ### 2. Key Electronic Components The "R" suffix in the part number usually indicates specific RoHS compliance or a particular revision of the internal PCB. The assembly consists of several critical sub-components: #### A. The Brushless DC (BLDC) Controller The heart of the unit is an integrated circuit (IC) that handles the commutation of the motor. Unlike brushed motors, this electronic part uses sensors (usually Hall Effect sensors) to determine the rotor position and switch the electromagnet coils accordingly. #### B. Power MOSFETs Because these fans pull significant current (often used in high-static pressure scenarios), the PCB contains **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors). These act as high-speed switches to drive the motor windings. #### C. Pulse Width Modulation (PWM) Logic The **M3H37TBD-R** includes a dedicated logic circuit for speed control. * **Input:** Receives a 25kHz (standard) PWM signal from the motherboard/controller. * **Output:** Adjusts the duty cycle to the motor to vary RPM without changing the input voltage. #### D. Feedback Circuit (Tachometer) This electronic part provides a "Frequency Generator" (FG) signal. It outputs a square wave pulse (usually 2 pulses per revolution) back to the system to monitor if the fan is spinning at the target speed or if it has failed. --- ### 3. Application and Usage These parts are engineered for **24/7 mission-critical environments**. * **Server Cooling:** Used in 1U/2U rack servers where high static pressure is needed to push air through dense heatsinks. * **Networking Gear:** Found in high-end routers and switches. * **Industrial Power Supplies:** Used as the primary cooling element for high-wattage AC/DC converters. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the 4-wire connector on this model?
    • ⤷ How does the Locked Rotor Protection feature function electronically?
    • ⤷ What is the maximum MTBF (Mean Time Between Failures) for this specific driver series?