データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H37TCD-R

  • AI
    The **M3H37TCD-R** belongs to a specific category of passive electronic components, typically identifying as a **Chip NTC (Negative Temperature Coefficient) Thermistor**. These parts are essential for temperature sensing, compensation, and circuit protection. --- ### 1. Component Overview An NTC thermistor is a type of resistor whose resistance decreases as the temperature increases. The part number "M3H37TCD-R" follows a specific manufacturer nomenclature (commonly associated with brands like Mitsubishi Materials or similar precision manufacturers). | Feature | Specification Details | | :--- | :--- | | **Component Type** | NTC Thermistor | | **Mounting Style** | Surface Mount (SMD) | | **Material** | Metal Oxide Ceramic | | **Termination** | Sn (Tin) plated over Ni (Nickel) | | **Packaging** | Taped and Reeled (indicated by "-R") | --- ### 2. Key Technical Characteristics #### A. Resistance-Temperature (R-T) Curve As the core function of the device, the resistance drops exponentially as heat is applied. This allows a microcontroller to calculate precise temperature by measuring the voltage drop across the component. #### B. The Beta ($\beta$) Constant This part is defined by its sensitivity. The Beta value indicates the slope of the resistance-temperature curve between two reference points (usually 25°C and 85°C). #### C. Tolerance The "M3H" and "TCD" segments of the code usually denote: * **Resistance Tolerance:** (e.g., ±1%, ±3%, or ±5% at 25°C). * **B-Constant Tolerance:** Usually ±1% or ±2%. --- ### 3. Application Areas The M3H37TCD-R is commonly found in high-density electronic assemblies due to its small footprint. * **Battery Packs:** Monitoring cell temperature during fast-charging cycles to prevent thermal runaway. * **LCD Displays:** Temperature compensation for contrast levels which shift with heat. * **Mobile Devices:** Sensing CPU/GPU heat to trigger thermal throttling. * **TCXOs:** Temperature Compensated Crystal Oscillators require these to maintain frequency stability. --- ### 4. Typical Internal Structure The construction of a chip-type thermistor like this involves several layers: 1. **Ceramic Body:** The semiconducting metal oxide material. 2. **Internal Electrodes:** Typically Ag (Silver) or Pd-Ag layers to ensure electrical contact. 3. **Barrier Layer:** Nickel plating to prevent "leaching" during the soldering process. 4. **External Termination:** Tin plating for excellent solderability on PCBs. ---
    ✨ Follow-up Questions
    • ⤷ What is the nominal resistance value at 25°C for the M3H37TCD-R?
    • ⤷ What are the physical dimensions (EIA package size) for this thermistor?
    • ⤷ How do I calculate temperature using the Beta formula for this component?