データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H41FDD-R

  • AI
    The **M3H41FDD-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These microcontrollers are based on the **ARM® Cortex®-M3** core and are designed for high-efficiency motor control and industrial equipment. --- ## 1. Core Technical Specifications The "M3H" series is optimized for low-power consumption and high-speed data processing. Below is a breakdown of the electronic characteristics typical of this specific model: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 80 MHz (varies by power mode) | | **Operating Voltage** | 2.7V to 5.5V (Single supply) | | **Flash Memory** | 64 KB to 128 KB (Depending on sub-variant) | | **RAM** | 6 KB to 12 KB | | **Package Type** | LQFP (Low-profile Quad Flat Package) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Key Electronic Components & Peripherals The internal architecture of the M3H41FDD-R consists of several specialized blocks: ### A. Analog-to-Digital Converter (ADC) * **Resolution:** 12-bit ADC. * **Speed:** High-speed conversion (approx. 1.0 $\mu$s). * **Purpose:** Crucial for monitoring sensor inputs and feedback loops in motor control. ### B. Motor Control Timer (T-PWM) * **Function:** Features a specialized 3-phase PWM output timer. * **Application:** Directly drives inverter circuits for brushless DC (BLDC) motors. ### C. Communication Interfaces The chip integrates standard industrial communication protocols: * **UART:** For serial communication. * **I2C:** For peripheral sensor interfacing. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed synchronous). ### D. Safety and Reliability * **Oscillation Detection:** Monitors if the external clock fails. * **Watchdog Timer:** Prevents system hang-ups. * **CRC Computing Unit:** Ensures data integrity in memory. --- ## 3. Pinout and Hardware Interfacing While the exact pin mapping depends on the LQFP count, the electronic layout generally follows this structure: | Pin Category | Description | | :--- | :--- | | **VDD / VSS** | Main power supply and ground pins. | | **MODE** | Hardware pin to select Boot Mode or User Mode. | | **RESET_N** | Active-low reset input. | | **Port A-E** | General Purpose I/O (GPIO) with multiplexed functions (PWM, ADC, UART). | --- ## 4. Typical Application Circuit In a standard electronic design, the M3H41FDD-R acts as the "Brain." ```mermaid graph LR Power[5V Supply] --> MCU[M3H41FDD-R] Sensors -->|Analog| MCU MCU -->|PWM| GateDriver[Gate Driver IC] GateDriver --> Motor[BLDC Motor] MCU <-->|UART| PC/Display ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the FDD-R package variant?
    • ⤷ Does this microcontroller support hardware-based Field Oriented Control (FOC)?
    • ⤷ What are the recommended development tools for Toshiba M3H series?