データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H41TAD-R

  • AI
    The **M3H41TAD-R** is a specific integrated circuit (IC) primarily used in power management applications, particularly within the automotive and industrial sectors. It is designed as a **Brushless DC (BLDC) Motor Pre-Driver IC**. --- ### 1. Key Technical Specifications Below is a breakdown of the primary technical characteristics of the M3H41TAD-R: | Feature | Specification | | :--- | :--- | | **Device Type** | 3-Phase BLDC Motor Pre-Driver | | **Operating Voltage** | Typically 8V to 28V (Automotive Range) | | **Output Channels** | 6-channel (3 High-side, 3 Low-side) | | **Control Interface** | PWM (Pulse Width Modulation) | | **Protection Features** | Overcurrent, Overvoltage, Thermal Shutdown | | **Package Type** | TQFP or VQFN (Surface Mount) | --- ### 2. Functional Components The IC acts as the "brain" that bridges the low-power logic (Microcontroller) and the high-power motor. Its internal electronics consist of several critical stages: #### A. Gate Drive Logic This section converts low-voltage signals from a microcontroller (typically 3.3V or 5V) into higher voltage/current signals capable of switching external MOSFETs on and off rapidly. #### B. Charge Pump Since the high-side N-channel MOSFETs require a gate voltage higher than the battery supply to turn on, the M3H41TAD-R includes an internal **charge pump** or bootstrap circuitry to generate this elevated voltage. #### C. Protection & Diagnostics The "TAD" designation often refers to advanced diagnostic capabilities: * **VDS Monitoring:** Checks for short circuits across the MOSFETs. * **Dead Time Control:** Prevents "shoot-through" (where high and low-side transistors are on simultaneously). * **Under-Voltage Lockout (UVLO):** Ensures the chip shuts down if the battery voltage drops too low to safely drive the gates. --- ### 3. Application Circuitry In a typical electronic assembly, the M3H41TAD-R is surrounded by the following external components: 1. **MOSFET Bridge:** Six N-channel MOSFETs that handle the actual motor current. 2. **Shunt Resistors:** Used for current sensing to provide feedback to the IC. 3. **Decoupling Capacitors:** Placed near the VCC pins to filter electrical noise. 4. **Snubber Circuits:** RC networks used to suppress voltage spikes caused by motor inductance. --- ### 4. Typical Use Cases * **Automotive Pumps:** Water pumps, oil pumps, and fuel pumps. * **HVAC Blowers:** Electronic fans for climate control. * **Power Steering:** Small-scale auxiliary steering assistance.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M3H41TAD-R?
    • ⤷ Which microcontrollers are most compatible with this pre-driver?
    • ⤷ How does the 'R' suffix in the part number affect its environmental rating?