AI

The **M3H41TAG-R** is a specific model of an **RFID Tag** (Radio Frequency Identification) commonly used in industrial automation, logistics, and asset tracking. It is designed to be read by an RFID interrogator (reader) to identify and track objects without direct line-of-sight.
Below is a breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Electronic Specifications
The M3H41TAG-R typically operates within the **High Frequency (HF)** range. Its internal electronics consist of an Integrated Circuit (IC) and an antenna coil.
| Feature | Specification |
| :--- | :--- |
| **Frequency** | 13.56 MHz (HF) |
| **Communication Protocol** | ISO/IEC 15693 or ISO 14443 (Standard dependent) |
| **Memory Type** | EEPROM (Electrically Erasable Programmable Read-Only Memory) |
| **Operating Mode** | Passive (Powered by the reader's magnetic field) |
| **IC Type** | Usually a variant of NXP I-Code or similar high-reliability chips |
---
## 2. Internal Electronic Components
### A. The Microchip (Silicon Die)
The "brain" of the tag is a tiny silicon chip. It contains:
* **Rectifier/Voltage Regulator:** Converts the RF signal from the reader into a stable DC voltage to power the chip.
* **Modulator/Demodulator:** Handles the encoding and decoding of data sent over the airwaves.
* **Memory Bank:** Stores the Unique Identifier (UID) and user-defined data (serial numbers, timestamps, etc.).
### B. The Antenna Coil
* **Material:** Usually etched copper or aluminum.
* **Function:** Acts as an inductor. When it enters the 13.56 MHz electromagnetic field generated by a reader, it picks up energy via **Inductive Coupling**.
### C. The Resonant Capacitor
* To ensure the tag communicates efficiently at exactly 13.56 MHz, a small capacitor is integrated into the circuit to create a resonant LC circuit.
---
## 3. Physical and Environmental Protection
Because this tag is often used in harsh environments, its electronic components are "potted" or encapsulated.
* **Enclosure:** Typically a ruggedized plastic (like ABS or PPS) that is chemical and heat resistant.
* **Mounting:** The "R" in the suffix often denotes a specific mounting style or ruggedization factor (e.g., circular tag for screw-on application).
* **Protection Rating:** Usually IP67 or IP68, meaning the electronics are completely sealed against dust and water immersion.
---
## 4. Key Advantages
1. **Passive Operation:** No battery is required, giving the electronics an almost infinite lifespan (limited only by memory write cycles, usually 100,000+).
2. **Anti-Collision:** The internal logic allows multiple tags to be read simultaneously in the same field without signal interference.
3. **Data Integrity:** Includes CRC (Cyclic Redundancy Check) to ensure the data transmitted to the reader is error-free.
- ⤷
What is the maximum read range for the M3H41TAG-R under standard conditions?
- ⤷ Can this tag be mounted directly onto metal surfaces without signal interference?
- ⤷ Which specific RFID readers are compatible with the M3H41TAG-R protocol?