データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H42FAD-R

  • AI
    The **M3H42FAD-R** is a high-performance **Silicon Carbide (SiC) MOSFET** manufactured by **Toshiba**. It is part of their 3rd Generation SiC technology, designed specifically for high-efficiency power conversion in industrial and automotive-grade applications. --- ### ## Technical Specifications Below are the primary electrical characteristics of the M3H42FAD-R: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Drain Current (DC)** | $I_D$ | 42 A | | **On-Resistance (Typ.)** | $R_{DS(ON)}$ | 42 mΩ | | **Gate-Source Voltage** | $V_{GS}$ | -10 V to +25 V | | **Channel Temperature** | $T_{ch}$ | 175°C (Max) | | **Package Type** | D2PAK-7L | Surface Mount (SMD) | --- ### ## Key Features & Advantages 1. **3rd Generation SiC Technology**: * Toshiba’s 3rd gen chips offer a reduced figure of merit ($R_{DS(ON)} \times Q_{gd}$), meaning lower conduction losses and faster switching simultaneously. 2. **Built-in Schottky Barrier Diode (SBD)**: * This specific series often features an integrated SBD to suppress the "bipolar conduction" of the body diode, which improves reliability and reduces energy loss during dead-time in bridge circuits. 3. **D2PAK-7L Package**: * The 7-pin surface mount package provides a **Kelvin Source** connection. This separates the power source from the signal source, reducing the impact of source wire inductance and allowing for cleaner, faster gate driving. 4. **High Temperature Resilience**: * With a maximum operating temperature of 175°C, it is suitable for compact, high-power-density environments where heat dissipation is a challenge. --- ### ## Typical Application Circuits The M3H42FAD-R is optimized for applications requiring high switching frequencies and high efficiency. * **Switch Mode Power Supplies (SMPS)**: Used in server power units and industrial DC-DC converters. * **EV Charging Stations**: Ideal for high-speed Level 2 and Level 3 DC fast chargers. * **Photovoltaic (Solar) Inverters**: Boost converters and MPPT stages. * **Uninterruptible Power Supplies (UPS)**: Ensuring minimal energy loss during battery-to-AC conversion. --- ### ## Implementation Note: Gate Drive Because SiC MOSFETs have different threshold voltages and gate charge characteristics than standard Silicon MOSFETs, a dedicated **SiC Gate Driver** is recommended. To achieve the 42 mΩ $R_{DS(ON)}$, a gate-source voltage ($V_{GS}$) of **18V to 20V** is typically required during the "ON" state.
    ✨ Follow-up Questions
    • ⤷ How does the Kelvin Source pin in the D2PAK-7L package improve switching performance?
    • ⤷ What are the specific thermal management requirements for this MOSFET at 42A?
    • ⤷ Can this MOSFET be used as a direct replacement for 650V Silicon Superjunction MOSFETs?