データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H42FCG-R

  • AI
    The **M3H42FCG-R** is a high-performance microcontroller unit (MCU) belonging to the **TXZ+™ Family Advanced Series** (M3H Group) manufactured by **Toshiba**. It is based on the ARM® Cortex®-M3 core and is designed for high-speed data processing and motor control applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Blocks The electronic architecture of the M3H42FCG-R is divided into several specialized blocks: #### A. Analog-to-Digital Conversion (ADC) This part is crucial for sensor integration. It features a high-speed, high-resolution **12-bit ADC** with multiple channels, capable of a 1.0 $\mu$s conversion speed. It also includes a **Window Comparator** that monitors input voltages and triggers interrupts if values exceed set limits without CPU intervention. #### B. Motor Control Peripherals The "M" in M3H often signifies its suitability for motor applications. It includes: * **Advanced Programmable Motor Control (A-PMD):** Specifically designed to control 3-phase motors using PWM (Pulse Width Modulation). * **Quadrature Encoder Interface (QEI):** For sensing motor position and speed. #### C. Communication Interfaces The chip acts as a hub for various peripherals through standard protocols: * **UART:** Up to 4 channels for serial communication. * **I2C / EI2C:** For inter-integrated circuit communication. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). #### D. System and Security * **DMA Controller:** Allows data transfer between peripherals and memory without taxing the CPU. * **CRC Calculation Circuit:** Used to ensure data integrity during transmission or memory storage. * **Watchdog Timer:** Provides a failsafe mechanism to reset the system in case of software hangs. --- ### 3. Application Use Cases Due to its 5V operation capability and 120MHz speed, it is commonly found in: 1. **Industrial Equipment:** Programmable Logic Controllers (PLCs) and sensor hubs. 2. **Home Appliances:** Washing machines and air conditioners (inverter control). 3. **Consumer Electronics:** Devices requiring precise motor movement or high-speed UI processing. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the M3H42FCG-R in sleep mode?
    • ⤷ How does the Advanced Programmable Motor Control (A-PMD) differ from standard PWM?
    • ⤷ Is there a specific development board or SDK available for the Toshiba TXZ+ series?