M3H42TCD-R
AI

The **M3H42TCD-R** is a specific part number belonging to the **M3H Group** of the **TXZ+™ Family Advanced Series** microcontrollers, manufactured by **Toshiba Electronic Devices & Storage Corporation**. These are 32-bit microcontrollers based on the ARM® Cortex®-M3 core.
---
### 1. Key Technical Specifications
The M3H42TCD-R is designed for high-speed data processing and motor control applications.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory (Code)** | 512 KB |
| **RAM** | 66 KB (including 2KB backup RAM) |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Operating Temperature** | -40°C to 85°C |
---
### 2. Functional Blocks and Features
#### A. High-Performance Analog
* **ADC (Analog-to-Digital Converter):** It features a high-speed 12-bit ADC (approx. 1.5 $\mu$s conversion time) with multiple channels, essential for sensor feedback in motor control.
* **DAC (Digital-to-Analog Converter):** Includes a 2-channel 8-bit DAC.
#### B. Specialized Motor Control Units
* **A-PMD (Advanced Programmable Motor Driver):** This is a dedicated hardware block for generating 3-phase PWM waveforms with dead-time control, reducing CPU load during motor commutation.
* **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoders for precise position and speed sensing.
#### C. Communication Interfaces
The device is equipped with various industry-standard protocols:
* **UART:** Up to 5 channels.
* **I2C:** 4 channels (supporting Multi-master).
* **TSPI:** 4 channels (Serial Peripheral Interface).
---
### 3. Application Areas
The M3H42TCD-R is primarily used in industrial and consumer electronics where reliability and real-time control are required:
1. **Home Appliances:** Washing machines, air conditioners (inverter control), and refrigerators.
2. **Industrial Equipment:** Small-to-medium power motor drives and factory automation controllers.
3. **Consumer Electronics:** High-end office automation and printers.
---
### 4. Part Number Decoding (Suffixes)
* **M3H:** Group Name (ARM Cortex-M3 High-performance).
* **42:** Specific feature set/Pin count indicator.
* **T:** Temperature range specification.
* **CD:** Flash Memory size (512KB).
* **-R:** Indicates the packaging type (usually Tape & Reel).
- ⤷
What are the specific power-saving modes available for the M3H42TCD-R?
- ⤷ How does the A-PMD block improve motor control efficiency compared to standard PWM?
- ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ+ microcontrollers?