データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H44FAD-R

  • AI
    The **M3H44FAD-R** is a high-performance, N-channel enhancement mode Power MOSFET designed primarily for switching applications, power management, and motor control. It is often utilized in automotive and industrial environments due to its robust thermal characteristics. --- ### 1. Key Technical Specifications The following table highlights the fundamental electrical characteristics of the M3H44FAD-R: | Parameter | Symbol | Typical Value / Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 V | | **Continuous Drain Current** | $I_D$ | ~80 A - 100 A (Case Dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.5 - 4.5 mΩ (at $V_{GS}=10V$) | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 V | | **Package Type** | Pkg | TO-252 (DPAK) / PDFN (Variant dependent) | | **Operating Temperature** | $T_j$ | -55°C to +175°C | --- ### 2. Internal Structure and Operation The device operates as an **N-Channel MOSFET**, meaning: * **Gate Control:** It requires a positive voltage at the Gate relative to the Source to "turn on." * **Low $R_{DS(on)}$:** The internal architecture is optimized for extremely low resistance when fully saturated, which minimizes power dissipation ($P = I^2 \times R$) and heat generation. * **Body Diode:** It includes an integrated fast-recovery body diode, allowing for freewheeling current in inductive load applications. --- ### 3. Application Use-Cases Given its high current handling and low resistance, it is typically found in: 1. **DC-DC Converters:** Used as a high-side or low-side switch in buck/boost regulators. 2. **Motor Drives:** Driving BLDC motors in automotive tools or cooling fans. 3. **Load Switching:** Serving as a "solid-state relay" to enable or disable power rails in industrial controllers. 4. **Battery Management Systems (BMS):** Managing high-current discharge paths. --- ### 4. Circuit Implementation (Example) To drive this MOSFET effectively, a gate driver is usually required to charge the input capacitance ($C_{iss}$) quickly. ```cpp // Logic Representation of driving an N-Channel MOSFET if (PWM_Signal == HIGH) { Gate_Voltage = 10V; // MOSFET ON: Low resistance path from Drain to Source } else { Gate_Voltage = 0V; // MOSFET OFF: High impedance (Open circuit) } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance (RthJC) values for the M3H44FAD-R?
    • ⤷ Is this MOSFET AEC-Q101 qualified for automotive use?
    • ⤷ What is the recommended gate-drive voltage for optimal switching speed?