データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H44FCD-R

  • AI
    The **M3H44FCD-R** is a specific electronic component belonging to the **M3H Group** of the **TXZ+™ Family Advanced Class** microcontrollers manufactured by **Toshiba**. It is based on the high-performance ARM® Cortex®-M3 core. --- ## 1. Core Specifications The M3H44FCD-R is designed for motor control, industrial equipment, and consumer appliances requiring high-speed data processing. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14x14mm) | --- ## 2. Key Electronic Features The internal circuitry of this part is optimized for efficiency and precision: ### A. Advanced Analog Units * **ADC (Analog-to-Digital Converter):** It features a high-speed 12-bit ADC (approx. 1.0 $\mu$s conversion time) with multiple channels, essential for sensing sensor inputs. * **DAC (Digital-to-Analog Converter):** Includes a 2-channel 8-bit DAC for signal generation. ### B. Motor Control Circuitry (A-PMD) The **Advanced Programmable Motor Control (A-PMD)** is a standout feature. It allows for: * Three-phase PWM output. * Synchronization with ADC for precise current sensing. * Emergency stop functions via external pins to protect hardware. ### C. Communication Interfaces The chip supports various industrial communication protocols: * **UART:** Universal Asynchronous Receiver/Transmitter. * **I2C:** Inter-Integrated Circuit. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ## 3. Power Management and Safety This component is built to operate reliably in harsh environments: * **Low Power Modes:** Includes IDLE, STOP1, and STOP2 modes to minimize current consumption when inactive. * **LVD (Low Voltage Detection):** Monitors supply voltage and triggers resets if it falls below a threshold. * **Hardware Safety:** Includes a Watchdog Timer (WDT) and CRC calculation units to ensure code integrity. --- ## 4. Part Number Breakdown (M3H44FCD-R) * **M3H:** Group name (ARM Cortex-M3 High-performance). * **4:** Version/Feature set. * **4:** Pin count code (100-pin). * **F:** Flash Memory capacity (512 KB). * **CD:** Package and temperature range designator. * **-R:** Indicates tape and reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the typical applications for the M3H44FCD-R in industrial automation?
    • ⤷ How does the A-PMD unit simplify three-phase motor control?
    • ⤷ What development tools are recommended for programming Toshiba TXZ+ microcontrollers?