データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H44FDG-R

  • AI
    ## Technical Analysis of M3H44FDG-R The **M3H44FDG-R** is a high-performance, N-Channel Power MOSFET typically utilized in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table outlines the primary electrical parameters for the M3H44FDG-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 40 | V | | **Continuous Drain Current** | $I_D$ | ~40 - 50* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~3.0 - 4.5 | mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20 | V | | **Total Gate Charge** | $Q_g$ | ~25 - 35 | nC | | **Package Type** | - | PDFN 5x6 / DFN5060 | - | *\*Note: Current ratings depend on thermal dissipation and PCB layout.* --- ### 2. Functional Components & Internal Logic As an N-Channel MOSFET, the M3H44FDG-R operates based on the following electronic principles: * **Trench Technology:** It likely utilizes a "Trench" gate structure, which reduces the $R_{DS(on)}$ (internal resistance) and allows for higher density of cells, minimizing power loss during the "ON" state. * **Low Gate Charge ($Q_g$):** This allows the device to switch between ON and OFF states very rapidly, making it suitable for high-frequency PWM (Pulse Width Modulation) applications. * **Body Diode:** It includes an integrated fast-recovery body diode, which protects the MOSFET from inductive kicks (back EMF) when driving motors or inductors. --- ### 3. Application Use-Cases The electronic design of this part makes it ideal for several specific circuits: 1. **DC-DC Converters:** Used in the "Buck" or "Boost" stages to convert voltage levels with high efficiency. 2. **Motor Control:** Acts as a switch in H-bridge circuits for BLDC (Brushless DC) motors. 3. **Battery Protection:** Integrated into Battery Management Systems (BMS) to disconnect the load during overcurrent or under-voltage events. 4. **Load Switching:** Used to turn peripheral power rails on or off in computing hardware. --- ### 4. Thermal & Mechanical Features The **PDFN 5x6** (or DFN5060) package is designed for surface-mount technology (SMT). It features a large exposed thermal pad on the bottom. * **Heat Dissipation:** The electronic layout requires a large copper pour on the PCB to act as a heatsink. * **Form Factor:** Low profile, which is critical for modern slim electronics like laptops and servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H44FDG-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended gate resistor values for this specific part?