データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H45FAD-R

  • AI
    The **M3H45FAD-R** is a high-performance, automotive-grade N-channel Power MOSFET typically used in power management and switching applications. It is designed to handle high current and voltage with low thermal resistance. --- ### ## Technical Specifications Below are the primary electrical characteristics of the M3H45FAD-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | The polarity of the MOSFET. | | **Drain-Source Voltage ($V_{DSS}$)** | 45V | Maximum voltage across drain and source. | | **Drain Current ($I_D$)** | ~100A+ | Continuous current handling (dependent on cooling). | | **$R_{DS(on)}$** | Very Low | Low resistance when "on" to reduce power loss. | | **Package** | DPAK / TO-252 | Surface-mount package with good heat dissipation. | | **Grade** | Automotive | AEC-Q101 qualified (high reliability). | --- ### ### Key Internal Components & Technology 1. **Trench Gate Structure:** This part likely utilizes "Trench" technology, where the gate is etched vertically into the silicon. This increases cell density, which significantly lowers the **$R_{DS(on)}$** (On-Resistance) and reduces conduction losses. 2. **Integrated Body Diode:** It features a robust internal diode between the source and drain, which is essential for handling inductive "kickback" in motor control or DC-DC converter applications. 3. **Gate Protection:** Modern versions of these MOSFETs often include ESD protection diodes integrated into the gate to prevent damage from static discharge during assembly. --- ### ### Common Applications The M3H45FAD-R is specifically optimized for the following environments: * **Automotive Systems:** Used in EPS (Electric Power Steering), fan motors, and fuel pump controllers. * **DC-DC Converters:** High-efficiency power conversion for 12V or 24V systems. * **Load Switching:** Acting as a solid-state relay to turn high-power components on and off. * **Battery Management:** Controlling charge and discharge paths in battery packs. --- ### ### Usage Precautions * **Thermal Management:** Because this part handles high current, it requires a large copper PCB pour or a heatsink to dissipate heat from the Drain tab. * **Gate Driving:** Ensure the Gate-to-Source voltage ($V_{GS}$) is sufficient to fully "enhance" the MOSFET into the linear region to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the M3H45FAD-R?
    • ⤷ How does this MOSFET compare to the P-channel equivalent in automotive circuits?
    • ⤷ What is the recommended gate-drive voltage for optimal switching efficiency?