M3H45FCG-R
AI

The **M3H45FCG-R** is a high-performance, N-channel enhancement mode Power MOSFET designed by **NEC (Renesas Electronics)**. It is primarily used for high-speed switching and power management in automotive and industrial applications.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
The M3H45FCG-R is built using advanced silicon technology to minimize energy loss during operation.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Type** | N-Channel | Enhancement mode MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 45V | Maximum voltage across drain and source |
| **Gate-Source Voltage ($V_{GSS}$)** | $\pm$20V | Voltage range to trigger the gate |
| **Drain Current ($I_D$)** | ~30A to 50A* | Continuous current handling capability |
| **On-Resistance ($R_{DS(on)}$)** | Low (m$\Omega$ range) | Resistance when the device is fully ON |
| **Package Type** | TO-252 (DPAK) | Surface-mount power package |
*\*Current ratings depend on heat dissipation and specific thermal mounting.*
---
## 2. Key Electronic Features
* **Low On-Resistance ($R_{DS(on)}$):** This reduces conduction losses, meaning the component generates less heat while carrying high current.
* **High-Speed Switching:** Optimized gate charge ($Q_g$) allows the MOSFET to turn on and off rapidly, which is essential for high-frequency DC-DC converters.
* **Avalanche Ruggedness:** Designed to withstand transient voltage spikes (Avalanche Energy) that often occur in inductive load switching (like motors).
* **Thermal Efficiency:** The TO-252 package provides a large metal tab for effective heat transfer to the PCB.
---
## 3. Pinout Configuration
The device follows the standard power MOSFET pinout for the TO-252/DPAK package:
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Drain (D):** Connected to the load (usually the metal tab).
3. **Source (S):** Connected to the ground or negative side of the circuit.
---
## 4. Typical Applications
The M3H45FCG-R is typically found in the following electronic environments:
* **Automotive Electronics:** Power steering systems, ABS, and fuel injection control.
* **DC-DC Converters:** Step-down (Buck) or Step-up (Boost) voltage regulators.
* **Motor Control:** Driving DC brushless motors or solenoid actuators.
* **Power Management:** Battery protection circuits and load switching.
---
## 5. Comparative Summary
Compared to standard transistors, the M3H45FCG-R offers:
* **Lower power dissipation** due to specialized trench technology.
* **Higher reliability** under harsh thermal conditions.
- ⤷
What are the equivalent alternative parts for the M3H45FCG-R?
- ⤷ What is the maximum power dissipation rating for this MOSFET in a standard circuit?
- ⤷ How do I calculate the gate resistor value for this specific N-Channel MOSFET?