データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H45TAD-R

  • AI
    ## Overview of M3H45TAD-R The **M3H45TAD-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) Schottky Barrier Diode (SBD)**. It is manufactured by ROHM Semiconductor and is designed for applications requiring high efficiency, high-speed switching, and thermal stability. --- ### 1. Key Technical Specifications The following table highlights the core electrical characteristics of the device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | SiC Schottky | Silicon Carbide technology for low switching loss | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 650 V | Maximum voltage the diode can withstand in reverse | | **Continuous Forward Current ($I_F$)** | 45 A | Rated current at specific temperature conditions | | **Forward Voltage Drop ($V_F$)** | ~1.35 V to 1.5 V | Typical voltage drop across the diode when conducting | | **Reverse Recovery Time ($t_{rr}$)** | 0 ns (Approx.) | Virtually no recovery time due to SiC properties | | **Package Type** | TO-247N | Standard high-power through-hole package | | **Operating Temperature** | up to 175°C | High thermal ceiling for industrial use | --- ### 2. Core Electronic Features #### A. Silicon Carbide (SiC) Substrate Unlike standard Silicon (Si) diodes, SiC allows for a much thinner drift layer. This results in: * **Lower Resistance:** Higher efficiency during conduction. * **Higher Thermal Conductivity:** Better heat dissipation, allowing for smaller heat sinks. #### B. Zero Reverse Recovery In traditional Si Fast Recovery Diodes (FRDs), energy is lost when the diode switches from "on" to "off" due to stored charge. The M3H45TAD-R exhibits **near-zero reverse recovery charge ($Q_{rr}$)**. This eliminates switching noise and significantly reduces EMI (Electromagnetic Interference). #### C. Temperature Independent Switching The switching characteristics of this part do not change significantly with temperature. This provides stable performance even as the system heats up under heavy loads. --- ### 3. Application Use Cases Because of its high current rating (45A) and high voltage rating (650V), it is primarily used in power conversion stages: 1. **PFC (Power Factor Correction):** Used in the boost stage of AC/DC power supplies to improve efficiency. 2. **Solar Inverters:** Converting DC from solar panels to AC with minimal loss. 3. **EV Charging Stations:** Fast chargers for electric vehicles where heat management is critical. 4. **Server Power Supplies:** High-density power units for data centers. --- ### 4. Comparison: Si vs. SiC (M3H45TAD-R) | Feature | Standard Silicon Diode | M3H45TAD-R (SiC) | | :--- | :--- | :--- | | **Switching Loss** | High (due to $t_{rr}$) | Extremely Low | | **Operating Frequency** | Limited | High (up to MHz range) | | **Thermal Stability** | Declines at high temp | Excellent at high temp | | **System Size** | Bulky (large cooling needed) | Compact (small cooling needed) | ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the TO-247N package for heat dissipation in this device?
    • ⤷ How does the zero reverse recovery time affect the efficiency of a PFC circuit?
    • ⤷ Are there specific gate driver requirements when using SiC diodes alongside SiC MOSFETs?