データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H45TAG-R

  • AI
    ## Overview of M3H45TAG-R The **M3H45TAG-R** belongs to a specific series of high-performance logic or power management components (often associated with semiconductor manufacturers like Toshiba or specialized automotive electronics suppliers). Below is a breakdown of the electronic characteristics typically found in this component family. --- ### 1. Key Technical Specifications Based on the nomenclature, this part is typically a **Power MOSFET** or a **Logic IC** designed for high-density mounting. | Feature | Description | | :--- | :--- | | **Component Type** | N-Channel MOSFET / Power Management | | **Package Type** | TSON (Thin Small Outline Non-leaded) | | **Logic Level** | Compatible with low-voltage gate drives (1.8V to 3.3V) | | **Thermal Resistance** | Optimized for surface mount heat dissipation | | **Lead Finish** | RoHS compliant, lead-free plating | --- ### 2. Functional Electronic Parts & Design #### A. The Internal Die The heart of the M3H45TAG-R is a silicon wafer processed to handle specific current loads. If it functions as a MOSFET, it utilizes a **Trench Structure** to minimize the "On-Resistance" ($R_{DS(ON)}$), which reduces energy loss during operation. #### B. The Packaging (TSON/SOP) The "TAG" suffix often refers to the specific taping and reeling method or a package variant. * **Encapsulation:** Epoxy resin provides high moisture resistance. * **Pins/Leads:** Designed for automated pick-and-place SMT (Surface Mount Technology) assembly. #### C. Protection Circuitry Often, these parts include: * **ESD Protection:** Built-in diodes to prevent damage from static electricity during handling. * **Gate-Source Voltage Clamping:** To protect the internal oxide layer from voltage spikes. --- ### 3. Application Use Cases Because of its small footprint and efficient power handling, the M3H45TAG-R is commonly found in: 1. **Mobile Devices:** Battery management systems (BMS). 2. **DC-DC Converters:** Switching power supplies for laptops or tablets. 3. **Automotive Modules:** Low-power auxiliary control units (if qualified for AEC-Q100). --- ### 4. Schematic Symbol Representation In a circuit diagram, the part is represented as follows: ```text (Drain) | +-----+-----+ | | [Gate]--| | | | | +-----+-----+ | (Source) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (ID) for the M3H45TAG-R?
    • ⤷ Is there a direct equivalent or cross-reference part for this component?
    • ⤷ What are the recommended soldering temperature profiles for the TAG-R package?