データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H45TCG-R

  • AI
    ### Overview of M3H45TCG-R The **M3H45TCG-R** is a specific electronic component belonging to the **N-channel Power MOSFET** family, typically manufactured by companies like **ON Semiconductor** (formerly Fairchild) or similar power discrete manufacturers. It is designed for high-efficiency switching and power management applications. --- ### Technical Specifications The following table outlines the primary electrical characteristics of the M3H45TCG-R: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Logic level or standard power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 45V | The maximum voltage the device can handle across drain and source. | | **Continuous Drain Current ($I_D$)** | ~30A - 50A | Maximum current the device can conduct continuously. | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Low (mΩ range) | Determines efficiency; lower values reduce heat loss. | | **Package Type** | TO-252 (DPAK) | Surface mount package designed for thermal management. | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | The voltage range used to trigger the "ON" state. | --- ### Key Electronic Features 1. **Low On-Resistance ($R_{DS(on)}$):** By minimizing resistance when the transistor is fully "on," the component reduces power dissipation and heat generation, which is critical for compact electronic designs. 2. **Fast Switching Speed:** The internal capacitance is optimized to allow the MOSFET to switch states quickly, making it suitable for high-frequency PWM (Pulse Width Modulation) circuits. 3. **Avalanche Ruggedness:** Designed to withstand energy surges caused by inductive loads (like motors or solenoids) without immediate failure. --- ### Common Applications * **DC-DC Converters:** Used in power supply units to step down voltages efficiently. * **Motor Control:** Acts as a switch in H-bridge circuits for controlling DC motors. * **Battery Management Systems (BMS):** Used for load switching and protection in lithium-ion battery packs. * **LED Drivers:** Controls the current flow to high-power LED arrays. --- ### Schematic Symbol Representation ```text Drain (D) | |----+ | | Gate --| |<--- (N-Channel Enhancement Mode) (G) | | |----+ | Source (S) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Rds(on) value for the M3H45TCG-R at 10V Gate voltage?
    • ⤷ What are the recommended thermal heatsink requirements for the TO-252 package?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?