データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H46FCD-R

  • AI
    ## Technical Analysis of M3H46FCD-R The **M3H46FCD-R** belongs to the **M3H Group** of the **TXZ+™ Family Advanced Series**, manufactured by Toshiba. It is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core, specifically optimized for motor control and consumer electronics applications. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the M3H46FCD-R: | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Electronic Components The M3H46FCD-R integrates several specialized hardware blocks that distinguish it from general-purpose MCUs: #### A. Analog-to-Digital Conversion (ADC) * **High-speed 12-bit ADC:** Features 2 units with up to 21 channels. * **Conversion Speed:** Approximately 1.0 $\mu$s conversion time. * **Application:** Crucial for sensing motor current, voltage levels, and sensor feedback in real-time. #### B. Motor Control Circuitry (A-PMD) * **Advanced Programmable Motor Control (A-PMD):** A 3-phase PWM output timer. * **Dead Time Control:** Automatically manages dead time to prevent short circuits in inverter bridges (IGBTs/MOSFETs). * **Emergency Stop:** Integrated hardware input to shut down PWM signals in case of overcurrent detection without CPU intervention. #### C. Connectivity and Communication The chip supports standard industrial communication protocols: * **UART:** 6 channels for asynchronous serial communication. * **I2C:** 4 channels for peripheral sensors and EEPROMs. * **TSPI:** 4 channels for high-speed serial peripheral interface. #### D. Power Management * **Internal Voltage Regulator:** Converts external supply voltage to the internal core voltage. * **Low Power Modes:** Includes IDLE, STOP1, and STOP2 modes to reduce current consumption during inactivity. --- ### 3. Application Areas Due to its 120MHz clock speed and integrated motor control features, this part is commonly found in: 1. **Home Appliances:** Air conditioner outdoor units, washing machines, and refrigerators. 2. **Industrial Equipment:** Small pumps, fans, and general-purpose inverters. 3. **Consumer Electronics:** High-end power tools and office automation equipment. --- ### 4. Part Number Decoder (M3H46FCD-R) * **M3H:** Microcontroller Group (Cortex-M3 High-performance). * **46:** Pin count / Functional variation code. * **FC:** Memory capacity (512KB Flash). * **D:** Package code. * **R:** Tape and Reel packaging (suffix).
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the A-PMD block for brushless DC (BLDC) motor control?
    • ⤷ Does the M3H46FCD-R support functional safety standards like IEC 60730?
    • ⤷ How does the power consumption of this chip compare to the M4 series in the TXZ+ family?