データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H47FCD-R

  • AI
    The **M3H47FCD-R** is an N-Channel enhancement mode power MOSFET, typically housed in a compact surface-mount package. It is designed for high-efficiency power management and switching applications. ### 1. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V | | **Continuous Drain Current** | $I_D$ | 40A - 50A | | **On-Resistance** | $R_{DS(on)}$ | ~4.0 - 7.5 $m\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$20V | | **Total Gate Charge** | $Q_g$ | ~15 - 25 nC | | **Package Type** | - | PDFN3.3x3.3 / DFN3333 | --- ### 2. Functional Characteristics * **Low $R_{DS(on)}$:** The device is engineered to have very low resistance when turned on, which minimizes power loss through heat dissipation. * **High Speed Switching:** Due to low gate charge ($Q_g$), the MOSFET can transition between ON and OFF states rapidly, making it suitable for high-frequency PWM (Pulse Width Modulation). * **Trench Technology:** It often utilizes advanced Trench MOSFET technology to optimize the cell density, providing a better balance between current handling and physical size. --- ### 3. Pinout Configuration The M3H47FCD-R usually follows the standard DFN3333 layout: 1. **Pins 1, 2, 3:** Source (S) 2. **Pin 4:** Gate (G) 3. **Pins 5, 6, 7, 8 (Exposed Pad):** Drain (D) --- ### 4. Common Applications * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation in laptops and servers. * **Load Switching:** Acting as an electronic switch to turn power rails on or off within a circuit. * **Battery Management:** Found in protection circuits for Li-ion battery packs. * **Motor Control:** Small BLDC motor drivers for drones or handheld electronics. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, engineers often look for N-Channel MOSFETs with similar $V_{DSS}$ and $R_{DS(on)}$ in the **DFN3333** or **PQFN 3x3** footprint, such as: * AON6512 * SiS412DN * TPH4R50ANH
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H47FCD-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller gate signal?
    • ⤷ How does the thermal pad on the bottom impact PCB layout requirements?