データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H48TBD-R

  • AI
    The **M3H48TBD-R** is a specific high-performance microcontroller evaluation or daughterboard, typically associated with the **Renesas RH850/F1KM-S1** series. These components are designed for automotive body applications, providing robust processing power and high-speed communication interfaces. --- ### Core Electronic Specifications The board is built around the RH850 architecture. Below are the key electronic characteristics: | Feature | Specification | | :--- | :--- | | **MCU Family** | RH850/F1KM-S1 | | **Core** | G3KH (32-bit RISC) | | **Operating Voltage** | 3.3V to 5.0V (Automotive Standard) | | **Flash Memory** | 1MB to 2MB (depending on specific chip variant) | | **SRAM** | 128KB to 192KB | | **Max Frequency** | Up to 120 MHz | | **Package** | 100-pin to 176-pin QFP options | --- ### Key Internal Components & Modules The electronics on the board are structured to handle complex automotive tasks: #### 1. Communication Interfaces * **CAN FD (Controller Area Network Flexible Data-rate):** Supports high-speed data transmission for vehicle diagnostics and sensor fusion. * **LIN (Local Interconnect Network):** Used for low-speed peripherals like windows, mirrors, or seat controls. * **Ethernet (Optional/Bridge):** Some variants include physical layer (PHY) support for automotive ethernet. #### 2. Power Management * **LDO/Regulators:** Integrated circuits to step down vehicle battery voltage (typically 12V) to the MCU operating levels (3.3V/5V). * **Decoupling Capacitors:** Strategically placed to filter high-frequency noise and stabilize power delivery to the core. #### 3. Safety and Reliability * **ECC (Error Correction Code):** Monitors and corrects single-bit errors in the Flash and RAM. * **ICU-M (Intelligent Cryptographic Unit):** Hardware-based security for encrypted automotive communication. * **Watchdog Timer:** Prevents system hang-ups by resetting the MCU if the software stops responding. --- ### External Connectivity The "TBD-R" suffix often refers to a **Target Board** or **Daughter Board** configuration, which includes: 1. **Header Pins:** Male or female headers for accessing all I/O pins of the MCU. 2. **Debug Interface:** Typically a **JTAG/LPD** 14-pin or 20-pin connector for use with Renesas E1/E2 emulators. 3. **Oscillators:** On-board Quartz crystal (usually 8MHz or 16MHz) used as the primary clock source. --- ### Typical Application Use Cases * **Automotive Gateway:** Routing data between different vehicle networks. * **Body Control Modules (BCM):** Managing lighting, wipers, and central locking. * **HVAC Systems:** Controlling climate systems and blower motors.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the M3H48TBD-R and other RH850 evaluation boards?
    • ⤷ Which software IDE is recommended for programming the M3H48TBD-R?
    • ⤷ Does this board support the ISO 26262 ASIL-B functional safety standard?