M3H54FBD-R
AI

The **M3H54FBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Series**. It is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core, specifically designed for motor control and industrial automation.
---
### 1. Core Technical Specifications
The following table highlights the primary hardware parameters of the M3H54FBD-R:
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package Type** | LQFP100 (14x14mm) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Key Peripheral Modules
The "M3H" group is known for its robust set of peripherals tailored for power management and mechanical control.
#### A. Analog-to-Digital Conversion (ADC)
* **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approximately 1.5 $\mu s$.
* **Precision:** Supports multiple channels (up to 21 channels) allowing for simultaneous monitoring of motor phase currents and sensor voltages.
#### B. Motor Control Timer (A-PMD)
* The **Advanced Programmable Motor Control Circuit (A-PMD)** is a specialized hardware block that handles 3-phase PWM output.
* It includes built-in dead-time insertion and emergency shutdown features (via the OVV input) to protect power transistors.
#### C. Communication Interfaces
* **UART/SIO:** Up to 6 channels.
* **I2C:** 4 channels for peripheral sensor communication.
* **TSPI:** 4 channels (High-speed Serial Peripheral Interface).
---
### 3. Application Use Cases
Due to its 5V operation capability and ARM-based processing power, this part is commonly used in:
1. **Consumer Electronics:** Washing machines, air conditioners (inverter control), and refrigerators.
2. **Industrial Equipment:** Small-scale PLC (Programmable Logic Controllers) and factory automation sensors.
3. **Office Automation:** High-speed printers and scanners requiring precise motor positioning.
---
### 4. Part Number Decoder (M3H54FBD-R)
* **M3H:** Group name (ARM Cortex-M3 High-speed).
* **54:** Pin count and memory configuration identifier.
* **F:** 512 KB Flash memory size.
* **BD:** Package code (LQFP100).
* **-R:** Indicates "RoHS Compliant" and Tape/Reel packaging.
- ⤷
What are the specific advantages of using the A-PMD module for motor control?
- ⤷ Does this microcontroller support CAN bus communication?
- ⤷ How does the 5V operating voltage compare to standard 3.3V ARM microcontrollers in industrial settings?