データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H54TAD-R

  • AI
    The **M3H54TAD-R** is an integrated circuit (IC) primarily associated with power management and motor control applications. It belongs to a specialized family of components often used in automotive or industrial high-power electronics. --- ### 1. General Specifications While specific datasheets are often proprietary to manufacturers like **Renesas** or specialized power semiconductor firms, the part number structure typically breaks down into the following characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Power MOSFET / Smart Power Module | | **Package Type** | Surface Mount Device (SMD) | | **Configuration** | Often a Half-Bridge or N-Channel Logic Level Gate | | **Common Application** | DC-DC Converters, Motor Drivers, Automotive ECU Power stages | --- ### 2. Key Electronic Characteristics The "M3H" series usually implies specific electrical behaviors designed for efficiency and thermal stability: * **Low RDS(on):** Designed with low "On-Resistance" to minimize power dissipation and heat generation during high-current operation. * **High Switching Speed:** Capable of handling high-frequency PWM (Pulse Width Modulation) signals, essential for smooth motor control. * **Thermal Protection:** Many parts in this series include internal diodes or thermal pads to manage heat effectively in compact environments. * **Logic Level Compatibility:** The "Gate" of the transistor can typically be triggered by standard microcontroller voltages (3.3V or 5V). --- ### 3. Pinout and Internal Structure (General) In most motor driver or power MOSFET applications for this series, the internal structure follows a standard flow: 1. **Gate (G):** Controls the "On/Off" state of the component. 2. **Drain (D):** The input/load side where high voltage/current enters. 3. **Source (S):** The output/ground side. --- ### 4. Typical Use Cases * **Automotive Systems:** Power steering modules, electronic braking, and fan control. * **Industrial Automation:** Actuators and small BLDC (Brushless DC) motor controllers. * **Power Supplies:** Synchronous rectification in high-efficiency power converters. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M3H54TAD-R?
    • ⤷ Is this component automotive grade (AEC-Q100)?
    • ⤷ What are the recommended heat sinking methods for this specific package?