データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H54TBD-R

  • AI
    The **M3H54TBD-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class**. It is a 32-bit microcontroller built on the **ARM® Cortex®-M3** core, specifically designed for motor control, consumer electronics, and industrial automation. --- ### 1. Core Technical Specifications The device is engineered for high-speed processing and efficient power consumption. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Peripheral Modules The M3H54TBD-R is distinguished by its specialized hardware blocks that offload tasks from the CPU. #### A. Motor Control & Timers * **A-PMD (Advanced Programmable Motor Control):** A 3-phase complementary PWM output generator designed to control brushless DC (BLDC) motors. * **A-ENC (Advanced Encoder Input Circuit):** Supports incremental encoder signals for precise position sensing. * **T32A:** 32-bit timers used for interval measurement and PWM generation. #### B. Analog-to-Digital Conversion * **12-bit ADC:** Features a conversion speed of approximately 1.0 μs. It includes a sample-and-hold function (up to 3 channels) allowing simultaneous sampling of current phases in motor applications. #### C. Communication Interfaces * **UART:** High-speed universal asynchronous receiver-transmitter. * **I2C / SIO:** Standard serial interfaces for peripheral communication. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data transfer. --- ### 3. Application Use Cases Due to its 5V support and motor control peripherals, this chip is commonly found in: 1. **Home Appliances:** Washing machines, refrigerators, and air conditioners (inverter control). 2. **Industrial Equipment:** Small pumps, fans, and conveyor belt controllers. 3. **Office Automation:** Printers and scanners where precise motor movement is required. --- ### 4. Code Example: GPIO Initialization (CMSIS) The following is a conceptual snippet for initializing a GPIO pin using the standard CMSIS-style drivers often used with this series: ```c #include "TXZ+M3H.h" void GPIO_Init(void) { // Enable Clock for Port G TSB_CG_FSYSENA_IPENA12 = 1; // Set PG0 as Output TSB_PG_CR_PORT0 = 1; // Control Register (Output) TSB_PG_PUP_PUP0 = 1; // Pull-up resistor enabled // Write High to Pin 0 TSB_PG_DATA_DATA0 = 1; } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes supported by the M3H series?
    • ⤷ How does the A-PMD module compare to standard PWM for motor control?
    • ⤷ Does this microcontroller support CAN bus communication?