データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H56FCD-R

  • AI
    The **M3H56FCD-R** is a high-performance, automotive-grade microcontroller from the **TOSHIBA TXZ+™ Family Advanced Class**. It is based on the **ARM® Cortex®-M3** core and is specifically designed for motor control and industrial automation. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB (Code) + 32 KB (Data) | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Specialized Electronic Subsystems The "M3H" group is optimized for precision hardware control. Here are the critical electronic components integrated within the chip: #### A. High-Resolution Analog Front-End * **A/D Converter (ADC):** Features a 12-bit ADC with 2 units and up to 21 channels. It has a high-speed conversion rate (approx. 1.0 $\mu$s), essential for capturing motor current and position feedback. * **D/A Converter (DAC):** Includes a 12-bit DAC (2 channels) for analog signal generation. #### B. Advanced Timer/Control Units * **A-PMD (Advanced Programmable Motor Control):** This is a dedicated hardware logic circuit that handles 3-phase PWM generation. It includes features like dead-time insertion and emergency stop synchronization. * **A-ENC (Advanced Encoder Input Circuit):** Supports 2-phase incremental encoder input and Hall sensor input, allowing for precise rotor position detection. #### C. Connectivity and Interfaces * **CAN (Controller Area Network):** Includes a CAN controller (v2.0B active), which is the standard for automotive and rugged industrial communication. * **UART/I2C/SPI:** Standard serial interfaces for communicating with sensors and external EEPROMs. --- ### 3. Application Use Cases Because of its specific electronic architecture, the M3H56FCD-R is primarily used in: 1. **Consumer Electronics:** High-end washing machines and air conditioner outdoor units (Inverter control). 2. **Industrial Equipment:** Servo motors, robotic arms, and factory automation controllers. 3. **Automotive Peripheral Control:** Small motor control within the cabin or body electronics. --- ### 4. Safety and Reliability The part includes a **Self-Diagnosis Function** (functional safety support) which checks the integrity of the RAM, Flash, and Clock. This ensures the system can detect hardware failures in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the M3H56FCD-R in low-power modes?
    • ⤷ How does the A-PMD unit simplify 3-phase motor control programming?
    • ⤷ What development tools or IDEs are recommended for this Toshiba TXZ+ series?