データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H56FCG-R

  • AI
    The **M3H56FCG-R** is a high-performance, automotive-grade microcontroller from the **TOSHIBA TXZ+™ Family Advanced Class**. It is based on the **ARM® Cortex®-M3** core and is specifically designed for motor control, industrial equipment, and automotive body electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 512 KB (Code) + 32 KB (Data) | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14mm x 14mm) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### 2. Core Functional Blocks #### A. Motor Control Capabilities This chip is heavily optimized for motor applications. It includes: * **A-PMD (Advanced Programmable Motor Driver):** Allows for sophisticated 3-phase PWM generation, crucial for driving brushless DC (BLDC) motors. * **A-ENC (Advanced Encoder):** Handles position feedback from incremental encoders automatically, reducing CPU load. * **High-Speed ADC:** Features 12-bit Analog-to-Digital converters capable of simultaneous sampling for current and voltage sensing. #### B. Communication Interfaces The M3H56FCG-R acts as a hub for various industrial and automotive protocols: * **CAN FD:** Supporting high-speed Controller Area Network communication. * **UART/SIO:** For standard serial communication. * **I2C / I3C:** For sensor and peripheral interfacing. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data transfer. #### C. Safety and Reliability Designed for high-reliability environments: * **ECC (Error Correction Code):** Applied to Flash memory to prevent data corruption. * **RAM Parity:** Detects memory errors during operation. * **Watchdog Timers:** Ensures system recovery in case of software hangs. * **Clock Monitor:** Monitors the oscillator for failures. --- ### 3. Typical Applications 1. **Automotive:** Body control modules (BCM), water pumps, cooling fans, and electric power steering subsystems. 2. **Industrial:** Factory automation, robotic arm joints, and high-efficiency inverter control. 3. **Home Appliances:** High-end washing machines and air conditioning compressors. --- ### 4. Part Number Decoder (Quick Reference) | Prefix | Series | Core/Class | Pin Count | Flash Size | Package | | :--- | :--- | :--- | :--- | :--- | :--- | | **M3** | Cortex-M3 | **H** (High speed) | **5** (100-pin) | **6** (512KB) | **FCG** (LQFP) |
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption profiles for the M3H56FCG-R in sleep mode?
    • ⤷ How does the A-PMD block compare to standard PWM controllers for motor efficiency?
    • ⤷ Is there a dedicated development kit or evaluation board for this specific Toshiba MCU?