データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H57TAG-R

  • AI
    The **M3H57TAG-R** belongs to the Renesas **M3H Group** of the **RA Family** (specifically the RA4 Series) or the **T-Series** within the Renesas Synergy/RA ecosystem, often utilized for motor control and industrial automation. --- ## 1. Core Specifications The device is a high-performance 32-bit microcontroller designed for efficiency and precise peripheral control. | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M3 | | **Max Frequency** | Up to 80 MHz - 120 MHz (depending on specific sub-series) | | **Flash Memory** | Typically 512 KB to 1 MB | | **RAM** | 64 KB to 128 KB SRAM | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP (Lead-frame Quad Flat Package) | --- ## 2. Key Internal Components The "Electronic Parts" within this MCU consist of several specialized hardware blocks: ### A. Analog-to-Digital Conversion (ADC) * **High Speed:** Features a 12-bit ADC with multiple channels. * **Application:** Crucial for reading sensor data, monitoring bus voltages, and motor phase currents. ### B. Timer Units (Advanced Control) * **T-Series Motor Timers:** These are high-resolution timers capable of generating 3-phase PWM (Pulse Width Modulation) with dead-time insertion. * **Encoders:** Includes hardware support for quadrature encoder interfaces (QEI) to track motor position. ### C. Communication Interfaces The chip integrates standard industrial communication controllers: * **CAN/CAN FD:** For automotive and industrial networking. * **UART/SPI/I2C:** For inter-chip communication and peripheral interfacing. * **USB:** Full-speed USB 2.0 interface support. ### D. Safety and Reliability * **ECC (Error Correction Code):** Monitors and corrects single-bit errors in Flash and RAM. * **CRC (Cyclic Redundancy Check):** Hardware-based data integrity checks. * **WDT:** Independent Watchdog Timer to recover from software hangs. --- ## 3. Naming Convention Breakdown The suffix and prefix provide specific hardware details: 1. **M3H:** Refers to the Group/Family (Arm Cortex-M3 High-performance). 2. **57:** Part of the functional feature set/memory density code. 3. **TAG:** Usually indicates the package type (e.g., TQFP/LQFP) and temperature range. 4. **-R:** Indicates "Reel" packaging for automated SMT (Surface Mount Technology) assembly. --- ## 4. Typical Application Circuit When designing with the M3H57TAG-R, the following external components are required: * **Decoupling Capacitors:** 0.1µF and 10µF ceramic capacitors near the VCC/VSS pins. * **Crystal Oscillator:** An external 8MHz - 20MHz crystal for high-precision timing. * **Pull-up Resistors:** Required for I2C (SCL/SDA) and Reset (RES#) lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific motor control features of the M3H series?
    • ⤷ How does the M3H57TAG-R compare to the RA4 series in terms of power consumption?
    • ⤷ What development boards are available for testing the M3H57TAG-R?