データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H62TBD-R

  • AI
    The **M3H62TBD-R** is a specific integrated circuit (IC) part number, typically associated with the **Renesas M3H Group** of the **TBR series** microcontrollers (MCU). These chips are based on the ARM® Cortex®-M3 core and are designed for industrial and consumer applications requiring high reliability and low power consumption. --- ### 1. Technical Specifications The "M3H" family focuses on motor control, consumer electronics, and general-purpose industrial sensing. Below are the typical specifications for this class of component: | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | Up to 40 MHz - 80 MHz (varies by sub-series) | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 32 KB to 128 KB (Depending on specific suffix) | | **SRAM** | 4 KB to 16 KB | | **Package Type** | TFBGA / LQFP (Varies by R/D suffix) | | **I/O Pins** | High-current drive capability for LED/Motor control | --- ### 2. Key Peripheral Modules The architecture of the M3H62 series includes several specialized hardware blocks: * **Timers (TADB):** Advanced 16-bit timers capable of PWM (Pulse Width Modulation) output, essential for controlling motors or dimming LEDs. * **Analog-to-Digital Converter (ADC):** High-speed 12-bit ADC for precision sensor data acquisition. * **Communication Interfaces:** * **UART:** For serial asynchronous communication. * **I2C:** For connecting to digital sensors or EEPROMs. * **TSPI:** Renesas' version of Serial Peripheral Interface. * **Safety Features:** Includes hardware CRC (Cyclic Redundancy Check) and RAM parity checks to ensure system stability. --- ### 3. Part Number Decoding (Typical) While internal manufacturer codes can vary, the breakdown generally follows this logic: 1. **M3H:** Family Series (ARM Cortex-M3 Group). 2. **62:** Specific sub-group or feature set (referencing memory size or pin count). 3. **TBD:** Internal package or temperature grade designation. 4. **-R:** Usually indicates "Reel" packaging for automated SMT (Surface Mount Technology) assembly. --- ### 4. Application Areas Because of its balanced performance and 5V support, it is commonly found in: * **Home Appliances:** Washing machines, microwave ovens, and air conditioners. * **Office Automation:** Printers and scanners. * **Industrial Control:** Small-scale motor drivers and sensor hubs.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M3H62TBD-R package?
    • ⤷ Does this microcontroller support CAN bus communication?
    • ⤷ What development tools or IDEs are compatible with the Renesas M3H series?