AI

The **M3H63TAG-R** belongs to the Renesas **RA3 Series** of microcontrollers (specifically the RA3E1 group). These are 32-bit MCUs based on the Arm® Cortex®-M33 core, designed for cost-effective, low-power applications that require high performance and security.
---
### 1. Core Technical Specifications
The following table summarizes the primary electronic characteristics of the M3H63TAG-R:
| Feature | Specification |
| :--- | :--- |
| **Core Architecture** | Arm® Cortex®-M33 |
| **Maximum Frequency** | 100 MHz |
| **Flash Memory** | 128 KB |
| **SRAM** | 16 KB |
| **Operating Voltage** | 1.6V to 5.5V |
| **Package Type** | TQFP (Thin Quad Flat Package) |
| **Pin Count** | 48 Pins |
---
### 2. Key Peripheral Modules
The electronic design of this MCU includes several integrated blocks to handle signal processing and communication:
* **Analog Capabilities:**
* **12-bit ADC:** High-speed Analog-to-Digital converter for sensor interfacing.
* **Temperature Sensor:** Internal sensor to monitor chip/ambient conditions.
* **Connectivity:**
* **SCI (Serial Communications Interface):** Supports UART, SPI, and Simple I2C.
* **I2C Bus Interface:** Standard multi-master/slave communication.
* **CAN:** Controller Area Network (specific to certain sub-variants in the RA3 family).
* **Security & Safety:**
* **True Random Number Generator (TRNG).**
* **Flash Memory Protection:** To prevent unauthorized code reading.
* **WDT (Watchdog Timer):** Ensures system recovery from software hangs.
---
### 3. Power Management Features
The M3H63TAG-R is optimized for power-sensitive applications:
1. **Low Power Modes:** Supports Sleep, Deep Sleep, and Software Standby modes.
2. **Wide Voltage Range:** Operating down to 1.6V allows it to be powered by various battery types (e.g., Li-ion, alkaline).
3. **Fast Wake-up:** Ability to transition from low-power states to full operation quickly to minimize energy consumption during processing bursts.
---
### 4. Common Applications
Due to its balance of performance and efficiency, this part is commonly found in:
* **Consumer Electronics:** Small appliances and wearable devices.
* **Industrial Control:** Basic motor control and sensor hubs.
* **Building Automation:** Thermostats, lighting controllers, and security sensors.
---
- ⤷How does the Cortex-M33 core improve security compared to older M3 cores?
- ⤷ What are the specific power consumption figures in Software Standby mode?
- ⤷ Which development tools are recommended for programming the RA3 series?