データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H63TCG-R

  • AI
    The **M3H63TCG-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Renesas Electronics**. It is specifically designed for high-current switching applications in harsh environments. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Transistor Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 60V | | **Continuous Drain Current ($I_D$)** | Up to 100A (Depending on thermal dissipation) | | **On-Resistance ($R_{DS(on)}$)** | Low resistance (Typically in the mΩ range) | | **Package Type** | HPAK (High-power Surface Mount) | | **Qualification** | AEC-Q101 (Automotive Grade) | --- ### 2. Major Electronic Characteristics #### A. Power Switching Efficiency The part is engineered for **low $R_{DS(on)}$**, which minimizes conduction losses. This is critical for systems where power efficiency and heat management are priorities, as less energy is wasted as heat during operation. #### B. Gate Charge ($Q_g$) It features optimized gate charge characteristics, allowing for high-speed switching. This reduces switching losses, making it suitable for PWM (Pulse Width Modulation) control in motor drivers. #### C. Thermal Performance The **HPAK package** is designed for superior thermal conductivity. It allows heat to be transferred efficiently from the silicon die to the PCB (Printed Circuit Board), preventing thermal runaway under high current loads. --- ### 3. Application Areas The M3H63TCG-R is predominantly used in the following sectors: 1. **Automotive Systems:** * Electric Power Steering (EPS) * Battery Management Systems (BMS) * ABS (Anti-lock Braking Systems) 2. **Industrial Control:** * DC-DC Converters * High-current motor controllers 3. **Load Switching:** * Power distribution modules in 12V and 24V vehicle architectures. --- ### 4. Schematic Representation In a circuit, the M3H63TCG-R acts as a "voltage-controlled switch." When a voltage is applied to the **Gate (G)**, it allows current to flow from the **Drain (D)** to the **Source (S)**. ```text Drain (D) | ______|______ | | | Gate(G)-| | (Body Diode) | |______| |______| | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the HPAK package?
    • ⤷ How does the M3H63TCG-R compare to standard TO-220 MOSFETs?
    • ⤷ What is the typical gate threshold voltage for this component?